Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT87LV51-12JC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT87LV51-12JC
Description  8-bit Microcontroller with 4K Bytes QuickFlash짰
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87LV51-12JC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT87LV51-12JC Datasheet HTML 4Page - ATMEL Corporation AT87LV51-12JC Datasheet HTML 5Page - ATMEL Corporation AT87LV51-12JC Datasheet HTML 6Page - ATMEL Corporation AT87LV51-12JC Datasheet HTML 7Page - ATMEL Corporation AT87LV51-12JC Datasheet HTML 8Page - ATMEL Corporation AT87LV51-12JC Datasheet HTML 9Page - ATMEL Corporation AT87LV51-12JC Datasheet HTML 10Page - ATMEL Corporation AT87LV51-12JC Datasheet HTML 11Page - ATMEL Corporation AT87LV51-12JC Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AT87LV51
8
QuickFlash Programming and Verification Characteristics
TA = 0°C to 70°C, VCC = 5.0V ± 10%
QuickFlash Programming and Verification Waveforms
Symbol
Parameter
Min
Max
Units
V
PP
Programming Enable Voltage
11.5
12.5
V
I
PP
Programming Enable Current
1.0
mA
1/t
CLCL
Oscillator Frequency
3
16
MHz
t
AVGL
Address Setup to PROG Low
48t
CLCL
t
GHAX
Address Hold After PROG
48t
CLCL
t
DVGL
Data Setup to PROG Low
48t
CLCL
t
GHDX
Data Hold After PROG
48t
CLCL
t
EHSH
P2.7 (ENABLE) High to V
PP
48t
CLCL
t
SHGL
V
PP Setup to PROG Low
10
µs
t
GHSL
V
PP Hold After PROG
10
µs
tGLGH
PROG Width
1
110
µs
t
AVQV
Address to Data Valid
48t
CLCL
t
ELQV
ENABLE Low to Data Valid
48t
CLCL
tEHQZ
Data Float After ENABLE
048tCLCL
t
GHBL
PROG High to BUSY Low
1.0
µs
t
WC
Byte Write Cycle Time
2.0
ms
t
GLGH
t
GHSL
t
AVGL
t
SHGL
t
DVGL
t
GHAX
t
AVQV
t
GHDX
t
EHSH
t
ELQV
t
WC
BUSY
READY
t
GHBL
t
EHQZ
P1.0 - P1.7
P2.0 - P2.3
ALE/PROG
PORT 0
LOGIC 1
LOGIC 0
EA/V
PP
V
PP
P2.7
(ENABLE)
P3.4
(RDY/BSY)
PROGRAMMING
ADDRESS
VERIFICATION
ADDRESS
DATA IN
DATA IN


Similar Part No. - AT87LV51-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87LV52 ATMEL-AT87LV52 Datasheet
287Kb / 23P
   8-bit Microcontroller with 8K Bytes QuickFlash
AT87LV52-12AC ATMEL-AT87LV52-12AC Datasheet
287Kb / 23P
   8-bit Microcontroller with 8K Bytes QuickFlash
AT87LV52-12AI ATMEL-AT87LV52-12AI Datasheet
287Kb / 23P
   8-bit Microcontroller with 8K Bytes QuickFlash
AT87LV52-12JC ATMEL-AT87LV52-12JC Datasheet
287Kb / 23P
   8-bit Microcontroller with 8K Bytes QuickFlash
AT87LV52-12JI ATMEL-AT87LV52-12JI Datasheet
287Kb / 23P
   8-bit Microcontroller with 8K Bytes QuickFlash
More results

Similar Description - AT87LV51-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87LV55 ATMEL-AT87LV55 Datasheet
374Kb / 27P
   8-bit Microcontroller with 20K Bytes QuickFlash짰
AT87F51 ATMEL-AT87F51 Datasheet
170Kb / 15P
   8-Bit Microcontroller with 4K Bytes QuickFlash
AT89C4051 ATMEL-AT89C4051_08 Datasheet
404Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
157Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051_01 Datasheet
242Kb / 18P
   8-bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051 Datasheet
328Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89C51 ATMEL-AT89C51 Datasheet
129Kb / 15P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C51 ATMEL-AT89C51_00 Datasheet
141Kb / 17P
   8-bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051 Datasheet
265Kb / 19P
   8-Bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
197Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com