Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9648BCPZRL7-125 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9648BCPZRL7-125
Description  14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9648BCPZRL7-125 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9648BCPZRL7-125 Datasheet HTML 2Page - Analog Devices AD9648BCPZRL7-125 Datasheet HTML 3Page - Analog Devices AD9648BCPZRL7-125 Datasheet HTML 4Page - Analog Devices AD9648BCPZRL7-125 Datasheet HTML 5Page - Analog Devices AD9648BCPZRL7-125 Datasheet HTML 6Page - Analog Devices AD9648BCPZRL7-125 Datasheet HTML 7Page - Analog Devices AD9648BCPZRL7-125 Datasheet HTML 8Page - Analog Devices AD9648BCPZRL7-125 Datasheet HTML 9Page - Analog Devices AD9648BCPZRL7-125 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
AD9648
Rev. 0 | Page 6 of 44
AD9648-105
AD9648-125
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 9.7 MHz
25°C
98
96
dBc
fIN = 30.5 MHz
25°C
90
90
dBc
fIN = 70 MHz
25°C
93
91
dBc
Full
86
82
dBc
fIN = 100 MHz
25°C
92
90
dBc
fIN = 200 MHz
25°C
81
84
dBc
WORST OTHER (HARMONIC OR SPUR)
fIN = 9.7 MHz
25°C
−98
−97
dBc
fIN = 30.5 MHz
25°C
−96
−97
dBc
fIN = 70 MHz
25°C
−96
−97
dBc
Full
−91
−90
dBc
fIN = 100 MHz
25°C
−92
−92
dBc
fIN = 200 MHz
25°C
−90
−90
dBc
TWO-TONE SFDR
fIN = 29 MHz (−7 dBFS ), 32 MHz (−7 dBFS )
25°C
84
84
dBc
CROSSTALK2
Full
−95
−95
dB
ANALOG INPUT BANDWIDTH
25°C
650
650
MHz
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2 Crosstalk is measured at 100 MHz with −1.0 dBFS on one channel and no input on the alternate channel.
DIGITAL SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, and DCS enabled, unless
otherwise noted.
Table 3.
AD9628-105/125
Parameter
Temp
Min
Typ
Max
Unit
DIFFERENTIAL CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
Internal Common-Mode Bias
Full
0.9
V
Differential Input Voltage
Full
0.3
3.6
V p-p
Input Voltage Range
Full
AGND - 0.3
AVDD + 0.2
V
Input Common-Mode Range
Full
0.9
1.4
V
High Level Input Current
Full
−10
+10
μA
Low Level Input Current
Full
−10
+10
μA
Input Capacitance
Full
4
pF
Input Resistance
Full
8
10
12
LOGIC INPUT (CSB)1
High Level Input Voltage
Full
1.22
DRVDD + 0.2
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current
Full
−10
+10
μA
Low Level Input Current
Full
40
132
μA
Input Resistance
Full
26
Input Capacitance
Full
2
pF


Similar Part No. - AD9648BCPZRL7-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9648BCPZRL7-125 AD-AD9648BCPZRL7-125 Datasheet
2Mb / 42P
   Analog-to-Digital Converter
More results

Similar Description - AD9648BCPZRL7-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com