Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC88915 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC88915
Description  LOW SKEW CMOS PLL CLOCK DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC88915 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC88915 Datasheet HTML 7Page - Motorola, Inc MC88915 Datasheet HTML 8Page - Motorola, Inc MC88915 Datasheet HTML 9Page - Motorola, Inc MC88915 Datasheet HTML 10Page - Motorola, Inc MC88915 Datasheet HTML 11Page - Motorola, Inc MC88915 Datasheet HTML 12Page - Motorola, Inc MC88915 Datasheet HTML 13Page - Motorola, Inc MC88915 Datasheet HTML 14Page - Motorola, Inc MC88915 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MC88915TFN55/70/100/133/160
TIMING SOLUTIONS
BR1333 — Rev 6
11
MOTOROLA
MC88915TFN160 (continued)
AC CHARACTERISTICS (TA =0° C to +70° C, VCC = 5.0V ±5%, Load = 50Ω Terminated to VCC/2)
Symbol
Parameter
Min
Max
Unit
Condition
tRISE/FALL
Outputs
Rise/Fall Time, All Outputs
(Between 0.2VCC and 0.8VCC)
1.0
2.5
ns
Into a 50
Ω Load
Terminated to VCC/2
tRISE/FALL
2X_Q Output
Rise/Fall Time
0.5
1.6
ns
tRISE: 0.8V – 2.0V
tFALL: 2.0V – 0.8V
tPULSE WIDTH
(Q0–Q4, Q5, Q/2)
Output Pulse Width: Q0, Q1, Q2, Q3,
Q4, Q5, Q/2 @ VCC/2
0.5tCYCLE – 0.5 2
0.5tCYCLE + 0.5 2
ns
Into a 50
Ω Load
Terminated to VCC/2
tPULSE WIDTH
(2X_Q Output)
Output Pulse Width:
80MHz
2X_Q @ VCC
100MHz
133MHz
160MHz
0.5tCYCLE – 0.7
0.5tCYCLE – 0.5
0.5tCYCLE – 0.5
TBD
0.5tCYCLE + 0.7
0.5tCYCLE + 0.5
0.5tCYCLE + 0.5
TBD
ns
tPD1
SYNC Feedback
SYNC Input to Feedback Delay
(Measured at SYNC0 or 1 and
(With 1M
Ω from RC1 to An VCC)
ns
See Note 2 and
Figure 2 for Detailed
(
FEEDBACK Input Pins)
133MHz
160MHz
–1.05
–0.9
–0.25
–0.10
g
Explanation
tCYCLE
(2x_Q Output)
Cycle–to–Cycle Variation
133MHz
160MHz
tCYCLE – 300ps
tCYCLE – 300ps
tCYCLE + 300ps
tCYCLE + 300ps
tSKEWr3
(Rising) See Note 4
Output–to–Output Skew Between Out-
puts Q0–Q4, Q/2 (Rising Edges Only)
500
ps
All Outputs Into a
Matched 50
Ω Load
Terminated to VCC/2
tSKEWf3
(Falling)
Output–to–Output Skew Between Out-
puts Q0–Q4 (Falling Edges Only)
500
ps
All Outputs Into a
Matched 50
Ω Load
Terminated to VCC/2
tSKEWall3
Output–to–Output Skew 2X_Q, Q/2,
Q0–Q4 Rising, Q5 Falling
750
ps
All Outputs Into a
Matched 50
Ω Load
Terminated to VCC/2
tLOCK4
Time Required to Acquire Phase–Lock
From Time SYNC Input Signal is
Received
1.0
10
ms
Also Time to LOCK
Indicator High
tPZL5
Output Enable Time OE/RST to 2X_Q,
Q0–Q4, Q5, and Q/2
3.0
14
ns
Measured With the
PLL_EN Pin Low
tPHZ,tPLZ5
Output Disable Time OE/RST to 2X_Q,
Q0–Q4, Q5, and Q/2
3.0
14
ns
Measured With the
PLL_EN Pin Low
1. TCYCLE in this spec is 1/Frequency at which the particular output is running.
2. The TPD specification’s min/max values may shift closer to zero if a larger pullup resistor is used.
3. Under equally loaded conditions and at a fixed temperature and voltage.
4. With VCC fully powered–on, and an output properly connected to the FEEDBACK pin. tLOCK maximum is with C1 = 0.1µF, tLOCK minimum is
with C1 = 0.01
µF.
5. The tPZL, tPHZ, tPLZ minimum and maximum specifications are estimates, the final guaranteed values will be available when ‘MC’ status is
reached.


Similar Part No. - MC88915

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915FN55 MOTOROLA-MC88915FN55 Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915FN55PLCC MOTOROLA-MC88915FN55PLCC Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915FN70PLCC MOTOROLA-MC88915FN70PLCC Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
More results

Similar Description - MC88915

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88LV926 MOTOROLA-MC88LV926 Datasheet
108Kb / 10P
   LOW SKEW CMOS PLL 68060 CLOCK DRIVER
logo
Integrated Device Techn...
MC88LV926 IDT-MC88LV926 Datasheet
283Kb / 11P
   Low Skew CMOS PLL 68060 Clock Driver
MC88LV926EGR2 IDT-MC88LV926EGR2 Datasheet
291Kb / 11P
   Low Skew CMOS PLL 68060 Clock Driver
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
Motorola, Inc
MC88916 MOTOROLA-MC88916 Datasheet
114Kb / 9P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH PROCESSOR RESET
MC88LV915T MOTOROLA-MC88LV915T_01 Datasheet
143Kb / 12P
   Low Voltage Low Skew CMOS PLL Clock Driver, 3-State
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com