Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPX86 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # BPX86
Description  NPN-Silizium-Fototransistor Zeilen Silicon NPN Phototransistor Arrays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BPX86 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BPX86 Datasheet HTML 1Page - Siemens Semiconductor Group BPX86 Datasheet HTML 2Page - Siemens Semiconductor Group BPX86 Datasheet HTML 3Page - Siemens Semiconductor Group BPX86 Datasheet HTML 4Page - Siemens Semiconductor Group BPX86 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Semiconductor Group
5
BPX 80
BPX 82 ... 89
Relative spectral sensitivity
Srel = f (λ)
Photocurrent
IPCE/IPCE25
o = f (TA), VCE = 5 V
Photocurrent
IPCE = f (Ee), VCE = 5 V
Collector-emitter capacitance
CCE = f (VCE), f = 1 MHz, E = 0
Total power dissipation
Ptot = f (TA)
Directional characteristics Srel = f (ϕ)


Similar Part No. - BPX86

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
BPX86 OSRAM-BPX86 Datasheet
313Kb / 7P
   Lead (Pb) Free Product - RoHS Compliant
BPX86 OSRAM-BPX86 Datasheet
331Kb / 11P
   Miniature photointerrupters
BPX86 OSRAM-BPX86 Datasheet
331Kb / 11P
   Miniature photointerrupters
BPX86 OSRAM-BPX86 Datasheet
331Kb / 11P
   Miniature photointerrupters
BPX86 OSRAM-BPX86 Datasheet
331Kb / 11P
   Miniature photointerrupters
More results

Similar Description - BPX86

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH302 SIEMENS-SFH302 Datasheet
207Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3401 SIEMENS-SFH3401 Datasheet
46Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300 SIEMENS-SFH300 Datasheet
232Kb / 5P
   .NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX81 SIEMENS-BPX81 Datasheet
210Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
LPT80A SIEMENS-LPT80A Datasheet
36Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX43 SIEMENS-BPX43 Datasheet
313Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com