Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G00GW Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LVC1G00GW
Description  Single 2-input NAND gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G00GW Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC1G00GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G00GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G00GW Datasheet HTML 9Page - NXP Semiconductors 74LVC1G00GW Datasheet HTML 10Page - NXP Semiconductors 74LVC1G00GW Datasheet HTML 11Page - NXP Semiconductors 74LVC1G00GW Datasheet HTML 12Page - NXP Semiconductors 74LVC1G00GW Datasheet HTML 13Page - NXP Semiconductors 74LVC1G00GW Datasheet HTML 14Page - NXP Semiconductors 74LVC1G00GW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
74LVC1G00
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 9 — 7 December 2011
11 of 17
NXP Semiconductors
74LVC1G00
Single 2-input NAND gate
Fig 12. Package outline SOT891 (XSON6)
terminal 1
index area
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT891
SOT891
05-04-06
07-05-15
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1 x 0.5 mm
D
E
e1
e
A1
b
L
L1
e1
0
1
2 mm
scale
DIMENSIONS (mm are the original dimensions)
UNIT
mm
0.20
0.12
1.05
0.95
0.35
0.27
A1
max
b
E
1.05
0.95
D
ee1
L
0.40
0.32
L1
0.35
0.55
A
max
0.5
0.04
1
6
2
5
3
4
A
6
×
(1)
4
×
(1)
Note
1. Can be visible in some manufacturing processes.


Similar Part No. - 74LVC1G00GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G00GW PHILIPS-74LVC1G00GW Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
74LVC1G00GW NXP-74LVC1G00GW Datasheet
87Kb / 14P
   Single 2-input NAND gate
Rev. 07-17 July 2007
74LVC1G00GW NXP-74LVC1G00GW Datasheet
425Kb / 17P
   Single 2-input NAND gate
Rev. 8-20 October 2010
logo
Nexperia B.V. All right...
74LVC1G00GW NEXPERIA-74LVC1G00GW Datasheet
256Kb / 16P
   Single 2-input NAND gate
Rev. 13 - 8 February 2022
74LVC1G00GW-Q100 NEXPERIA-74LVC1G00GW-Q100 Datasheet
203Kb / 11P
   Single 2-input NAND gate
More results

Similar Description - 74LVC1G00GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
   Single 2-Input NAND Gate
April, 2008 ??Rev. 0
MC74HC1G00 ONSEMI-MC74HC1G00 Datasheet
62Kb / 6P
   Single 2-Input NAND Gate
January, 2005 ??Rev. 9
logo
Unisonic Technologies
U74LVC1G00 UTC-U74LVC1G00_15 Datasheet
201Kb / 6P
   SINGLE 2-INPUT NAND GATE
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00_18 Datasheet
172Kb / 9P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74VHC1G01 ONSEMI-MC74VHC1G01_18 Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G00 ONSEMI-MC74VHC1G00_V01 Datasheet
182Kb / 14P
   Single 2-Input NAND Gate
March, 2022 ??Rev. 26
logo
Nexperia B.V. All right...
74LVC1G00 NEXPERIA-74LVC1G00 Datasheet
256Kb / 16P
   Single 2-input NAND gate
Rev. 13 - 8 February 2022
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00_16 Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
NL17SZ00 ONSEMI-NL17SZ00_16 Datasheet
98Kb / 9P
   Single 2-Input NAND Gate
April, 2016 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com