Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBTL04DP211 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # CBTL04DP211
Description  DisplayPort 2 : 1 multiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBTL04DP211 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button CBTL04DP211 Datasheet HTML 5Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 6Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 7Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 8Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 9Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 10Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 11Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 12Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CBTL04DP211
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 30 March 2011
9 of 17
NXP Semiconductors
CBTL04DP211
DisplayPort 2 : 1 multiplexer
11.3 AUX ports
[1]
Time from AUX input changing state to AUX output changing state. Includes AUX rise/fall time.
11.4 HPD_IN input, HPD_x outputs
[1]
Time from HPD_IN changing state to HPD_x changing state. Includes HPD rise/fall time.
11.5 GPU_SEL and AUX_SEL inputs
Table 11.
AUX port characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VI
input voltage
0.3
-
VDD +0.3
V
VO
output voltage
50
 load
-
-
VDD +0.3
V
Vbias
bias voltage
AUX
0
-
VDD
V
Ron
ON-state resistance
Vbias  2.0 V
-
15
-
2.0 V < Vbias <VDD
-30
-
VID
differential input voltage
peak-to-peak
-
-
+1.4
V
tPD
propagation delay
from AUXn port to AUX port or
vice versa
[1] -
100
-
ps
Table 12.
HPD input and output characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VI
input voltage
0.3
-
VDD +0.3
V
VO
output voltage
-
-
VDD +0.3
V
tPD
propagation delay
from HPD_IN to HPD_x or vice versa
[1] -100
-
ps
Table 13.
GPU_SEL and AUX_SEL input characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-level input voltage
2.0
-
-
V
VIL
LOW-level input voltage
-
-
0.8
V
ILI
input leakage current
VDD =3.6 V; 0.3V  VI  3.9 V
-
-
10
A


Similar Part No. - CBTL04DP211

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL04DP211 NXP-CBTL04DP211 Datasheet
256Kb / 18P
   DisplayPort 2 : 1 multiplexer
Rev. 2-13 April 2012
CBTL04DP211BS NXP-CBTL04DP211BS Datasheet
256Kb / 18P
   DisplayPort 2 : 1 multiplexer
Rev. 2-13 April 2012
CBTL04DP211BS-518 NXP-CBTL04DP211BS-518 Datasheet
256Kb / 18P
   DisplayPort 2 : 1 multiplexer
Rev. 2-13 April 2012
More results

Similar Description - CBTL04DP211

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL04DP211BS-518 NXP-CBTL04DP211BS-518 Datasheet
256Kb / 18P
   DisplayPort 2 : 1 multiplexer
Rev. 2-13 April 2012
CBTL06DP211 NXP-CBTL06DP211 Datasheet
153Kb / 18P
   DisplayPort Gen1 2 : 1 multiplexer
Rev. 1-21 February 2011
CBTL06DP212 NXP-CBTL06DP212 Datasheet
158Kb / 18P
   High-performance DisplayPort Gen2 2 : 1 multiplexer
Rev. 2 ??3 November 2011
logo
Texas Instruments
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
[Old version datasheet]   DisplayPort 1:2 Switch
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58 Datasheet
66Kb / 4P
   2:1 Multiplexer
February, 2000 ??Rev. 1
MC10EL58 ONSEMI-MC10EL58 Datasheet
72Kb / 2P
   2:1 Multiplexer
1996 REV 2
logo
Micrel Semiconductor
SY10EL58 MICREL-SY10EL58_05 Datasheet
49Kb / 4P
   2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58 Datasheet
80Kb / 8P
   2:1 Multiplexer
Sep, 1999 ??Rev. 1.0
logo
Micrel Semiconductor
SY10EL58 MICREL-SY10EL58 Datasheet
47Kb / 4P
   2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com