Electronic Components Datasheet Search |
|
030-2493-001 Datasheet(PDF) 11 Page - ITT Industries |
|
030-2493-001 Datasheet(HTML) 11 Page - ITT Industries |
11 / 76 page Dimensions are shown in mm (inch) Dimensions subject to change 10 DL4 DL3/DLM3 DL2/DLM2/DLD2 DL1/DLM1/DLD1 ZIF Connectors DL/DLM/DLD DL/DLM/DLD Temperature/Current Rating The ambient temperature curves shown represent the rated current carrying capacity of the Cannon DL1/2/3/4, DLM1/2/3 and DLD1/2 electrical connectors, derated to 80% of the values recorded using the methods specified by International Electro-Technical Commission Document 48 (1975). Current was applied to the total connector (all contacts) in one-half ampere increments and maintained at each current level until thermal stability was achieved. A thermocouple inserted into the ‘‘hottest area’’ of each connector then measured the connector temperature at the same time that an ambient temperature reading was taken. The difference between the two measured values is the heat rise or self-heating created solely by the current flow, and this temperature rise for the current level was deducted from the insulator material rated temperature. These values were then derated to 80% to obtain the curves shown. DL/DLM/DLD Test Data Test Description MIL Standard Test Method Dielectric Withstanding Voltage MIL-STD-202 301 Contact Resistance MIL-STD-202 307 Insulation Resistance MIL-STD-202 302, Condition B Humidity (Standard) MIL-STD-202 103, Condition B Humidity (DL4) MIL-STD-202 106 Salt Spray MIL-STD-202 101, Condition B (48 Hours) Shock MIL-STD-202 213, Condition A (50 G’s) Vibration (Standard) MIL-STD-202 204, Condition C Vibration (DL4) MIL-STD 167-1/2 Modified — |
Similar Part No. - 030-2493-001 |
|
Similar Description - 030-2493-001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |