Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCL30160 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCL30160
Description  1.0A Constant-Current Buck Regulator for Driving High Power LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30160 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCL30160 Datasheet HTML 2Page - ON Semiconductor NCL30160 Datasheet HTML 3Page - ON Semiconductor NCL30160 Datasheet HTML 4Page - ON Semiconductor NCL30160 Datasheet HTML 5Page - ON Semiconductor NCL30160 Datasheet HTML 6Page - ON Semiconductor NCL30160 Datasheet HTML 7Page - ON Semiconductor NCL30160 Datasheet HTML 8Page - ON Semiconductor NCL30160 Datasheet HTML 9Page - ON Semiconductor NCL30160 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NCL30160
http://onsemi.com
8
tOFF +
L
DI
VLED ) Vdiode ) IOUT DCRL
Where DCRL is the dc resistance of the inductor, VLED is
the forward voltages of the LEDs, FETRDS(ON) is the
on-resistance of the power MOSFET, and Vdiode is the
forward voltage of the catch diode.
The switching frequency can then be approximated from
the following:
fSW +
1
tON ) tOFF
Higher values of inductance lead to slower rates of rise
and fall of the output current. This allows for smaller
discrepancies between the expected and actual output
current ripple due to propagation delays between sensing at
the CS pin and the turning on and off of the power MOSFET.
However, the inductor value should be chosen such that the
peak output current value does not exceed the rated
saturation current of the inductor.
Catch Diode Selection
The catch diode needs to be selected such that average
current through the diode does not exceed the rated average
forward current of the diode. The average current through
the diode can be calculated as:
Iavg_diode + IOUT
tOFF
tON ) tOFF
It is also important to select a diode that is capable of
withstanding the peak reverse voltage it will see in the
application. It is recommended to select a diode with a rated
reverse voltage greater than VIN. It is also recommended to
use a low-capacitance Schottky diode for better efficiency
performance.
Selecting The Off-Time Setting Resistor
The off-time setting resistor (ROT) programs the
NCL30160 with the initial time duration that the MOSFET
is turned off when the switching operation begins. During
subsequent switching cycles, the voltage at the CS pin is
sensed every time the MOSFET is turned on, and the
off-time will be adjusted depending on how much of a
discrepancy exists between the sensed value and the CS
lower limit threshold value. The ROT value can be calculated
using the following equation:
ROT + tOFF 1011 W
Where tOFF is the expected off time during normal
switching operation, calculated in the Inductor Selection
section above.
Input Capacitor
A decoupling capacitor from VIN to ground should be
used to provide the current needed when the power
MOSFET turns on. A 4.7
mF ceramic capacitor is
recommended.


Similar Part No. - NCL30160

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCL30161MNTXG ONSEMI-NCL30161MNTXG Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCL30167 ONSEMI-NCL30167 Datasheet
587Kb / 23P
   Power Factor Corrected LED Boost Switching Regulator
December, 2016 ??Rev. 0
NCL30167DR2G ONSEMI-NCL30167DR2G Datasheet
587Kb / 23P
   Power Factor Corrected LED Boost Switching Regulator
December, 2016 ??Rev. 0
More results

Similar Description - NCL30160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3404 TI1-LM3404_14 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_13 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3404 NSC-LM3404 Datasheet
645Kb / 28P
   1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 NSC-LM3404_07 Datasheet
547Kb / 24P
   1.0A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3404 TI1-LM3404 Datasheet
574Kb / 30P
[Old version datasheet]   LM3404/04HV 1.0A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com