Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3881 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # 1N3881
Description  Fast Recovery Diodes (Stud Version), 6/12/16 A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N3881 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button 1N3881 Datasheet HTML 5Page - Vishay Siliconix 1N3881 Datasheet HTML 6Page - Vishay Siliconix 1N3881 Datasheet HTML 7Page - Vishay Siliconix 1N3881 Datasheet HTML 8Page - Vishay Siliconix 1N3881 Datasheet HTML 9Page - Vishay Siliconix 1N3881 Datasheet HTML 10Page - Vishay Siliconix 1N3881 Datasheet HTML 11Page - Vishay Siliconix 1N3881 Datasheet HTML 12Page - Vishay Siliconix 1N3881 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93138
10
Revision: 26-Sep-08
1N3879(R), 1N3889(R), 6/12/16FL(R) Series
Vishay High Power Products
Fast Recovery Diodes
(Stud Version), 6/12/16 A
ORDERING INFORMATION TABLE
3
-
Omit = Standard recovery diode
L = Only for fast diode
6
-
Outlines:
Omit = Stud base UNF thread
M = Stud base metric thread
4
-
Omit = Stud forward polarity
R = Stud reverse polarity
1
-
Current code I(AVG) = Exact current rating
2
-
F = Diode
5
-
Voltage code x 10 = VRRM (see Voltage Ratings table)
7
-trr code only for fast diode (see Recovery Characteristics table)
Device code
5
13
24
67
16
F
L
R
60
M
S02
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95311


Similar Part No. - 1N3881

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3881 MICROSEMI-1N3881 Datasheet
110Kb / 2P
   Fast Recovery Rectifier
logo
Vishay Siliconix
1N3881 VISHAY-1N3881 Datasheet
147Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 11-Jan-18
logo
International Rectifier
1N3881 IRF-1N3881 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
1N3881 VISHAY-1N3881 Datasheet
2Mb / 11P
   Fast Recovery Diodes(Stud Version)
Revision: 26-Sep-08
logo
Solid States Devices, I...
1N3881 SSDI-1N3881 Datasheet
201Kb / 2P
   6 AMPS 50-400 VOLTS 120 nsec FAST RECOVERY RECTIFIER
More results

Similar Description - 1N3881

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-6FL VISHAY-VS-6FL_V01 Datasheet
188Kb / 11P
   Fast Recovery Diodes(Stud Version), 6 A, 12 A, 16 A
01-Jan-2022
16FLR60MS02 VISHAY-16FLR60MS02 Datasheet
184Kb / 13P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 08-Apr-13
VS-6FLR VISHAY-VS-6FLR Datasheet
188Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
01-Jan-2022
VS-6FL VISHAY-VS-6FL Datasheet
189Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 06-Mar-17
VS-61216FL VISHAY-VS-61216FL Datasheet
187Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 11-Jan-18
VS-1N3879 VISHAY-VS-1N3879 Datasheet
140Kb / 9P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 28-May-15
VS-1N3879 VISHAY-VS-1N3879_V01 Datasheet
148Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
01-Jan-2022
VS-1N387989 VISHAY-VS-1N387989 Datasheet
147Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 11-Jan-18
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
VS-12FR VISHAY-VS-12FR Datasheet
161Kb / 6P
   Standard Recovery Diodes, (Stud Version), 12 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com