Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3671A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 1N3671A
Description  Medium Power Silicon Rectifier Diodes, 12 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N3671A Datasheet(HTML) 3 Page - Vishay Siliconix

  1N3671A Datasheet HTML 1Page - Vishay Siliconix 1N3671A Datasheet HTML 2Page - Vishay Siliconix 1N3671A Datasheet HTML 3Page - Vishay Siliconix 1N3671A Datasheet HTML 4Page - Vishay Siliconix 1N3671A Datasheet HTML 5Page - Vishay Siliconix 1N3671A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 93493
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 24-Jun-08
3
1N1...A, 1N36..A Series
Medium Power
Silicon Rectifier Diodes, 12 A
Vishay High Power Products
Note
(1) JEDEC registered values
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum operating case and
storage temperature range
TC, TStg
- 65 to 200 (1)
°C
Maximum internal thermal
resistance, junction to case
RthJC
DC operation
2.0 (1)
°C/W
Thermal resistance,
case to sink
RthCS
Mounting surface, smooth, flat and greased
0.5
Mounting torque
minimum
Torque applied to nut; non-lubricated threads
1.36 (12)
N · m
(lbf · in)
maximum
1.69 (15)
minimum
Torque applied to nut; lubricated threads
1.07 (9.45)
maximum
1.30 (11.55)
minimum
Torque applied to device case; lubricated threads
1.17 (10.35)
maximum
1.43 (12.65)
Approximate weight
7.0
g
0.25
oz.
Case style
JEDEC
DO-203AA (DO-4)


Similar Part No. - 1N3671A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3671A MICROSEMI-1N3671A Datasheet
106Kb / 2P
   Military Silicon Power Rectifier
logo
International Rectifier
1N3671A IRF-1N3671A Datasheet
103Kb / 4P
   12 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Microsemi Corporation
1N3671A MICROSEMI-1N3671A Datasheet
129Kb / 2P
   MILITARY SILICON POWER RECTIFIER
1N3671A MICROSEMI-1N3671A Datasheet
129Kb / 2P
   SILICON POWER RECTIFIER
logo
Vishay Siliconix
1N3671A VISHAY-1N3671A Datasheet
140Kb / 5P
   Medium Power Silicon Rectifier Diodes, 12 A
Revision: 24-Jun-08
More results

Similar Description - 1N3671A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N1199A VISHAY-1N1199A Datasheet
140Kb / 5P
   Medium Power Silicon Rectifier Diodes, 12 A
Revision: 24-Jun-08
VS-1N1A VISHAY-VS-1N1A_V01 Datasheet
129Kb / 5P
   Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
01-Jan-2022
VS-1N1A VISHAY-VS-1N1A Datasheet
154Kb / 5P
   Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
Revision: 18-May-15
logo
International Rectifier
1N1199A IRF-1N1199A Datasheet
103Kb / 4P
   12 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Microsemi Corporation
30S MICROSEMI-30S Datasheet
82Kb / 2P
   3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
30S NJSEMI-30S Datasheet
54Kb / 1P
   3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Vishay Siliconix
1N1183 VISHAY-1N1183 Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
1N1190RA VISHAY-1N1190RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
logo
New Jersey Semi-Conduct...
2CL2 NJSEMI-2CL2 Datasheet
51Kb / 1P
   HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
logo
Vishay Siliconix
1N1183 VISHAY-1N1183_12 Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com