Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPY11 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BPY11
Description  Silizium-Fotoelement Silicon Photovoltaic Cell
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BPY11 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BPY11 Datasheet HTML 1Page - Siemens Semiconductor Group BPY11 Datasheet HTML 2Page - Siemens Semiconductor Group BPY11 Datasheet HTML 3Page - Siemens Semiconductor Group BPY11 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BPY 11 P
Semiconductor Group
184
Grenzwerte
Maximum Ratings
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 55 ... + 100
°C
Sperrspannung
Reverse voltage
V
R
1V
Kennwerte (
T
A = 25 °C, Normlicht A, T
= 2856 K)
Characteristics (
T
A = 25 °C, standard light A, T
= 2856 K)
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Fotoempfindlichkeit,
V
R = 0 V
Spectral sensitivity
S
60 (
≥ 47)
nA/Ix
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
S max
850
nm
Spektraler Bereich der Fotoempfindlichkeit
S = 10 % von S
max
Spectral range of sensitivity
S = 10 % of S
max
λ
420 ... 1060
nm
Bestrahlungsempfindliche Fläche
Radiant sensitive area
A
7.6
mm2
Abmessungen der
bestrahlungsempfindlichen Fläche
Dimensions of radiant sensitive area
L
× B
L
× W
1.95
× 4.45
mm
Halbwinkel
Half angle
ϕ± 60
Grad
deg.
Dunkelstrom,
V
R = 1 V; E = 0
Dark current
I
R
1 (
≤ 10)
µA
Spektrale Fotoempfindlichkeit,
λ = 850 nm
Spectral sensitivity
Sλ
0.55
A/W
Quantenausbeute,
λ = 850 nm
Quantum yield
η
0.80
Electrons
Photon
Leerlaufspannung,
E
v = 1000 Ix
Open-circuit voltage
V
O
440 (
≥ 260)
mV
Kurzschlu
βstrom, E
v = 1000 Ix
Short-circuit current
I
SC
60 (
≥ 47)
µA


Similar Part No. - BPY11

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BPY12 SIEMENS-BPY12 Datasheet
168Kb / 4P
   Silicon-PIN-Photodiode
BPY12H1 SIEMENS-BPY12H1 Datasheet
168Kb / 4P
   Silicon-PIN-Photodiode
More results

Similar Description - BPY11

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BPY48P SIEMENS-BPY48P Datasheet
107Kb / 3P
   Silizium-Fotoelement Silicon Photovoltaic Cell
TP61P SIEMENS-TP61P Datasheet
170Kb / 5P
   Silizium-Fotoelement Silicon Photovoltaic Cell
TP60P SIEMENS-TP60P Datasheet
162Kb / 4P
   Silizium-Fotoelement Silicon Photovoltaic Cell
BPY64P SIEMENS-BPY64P Datasheet
156Kb / 3P
   Silizium-Fotoelement Silicon Photovoltaic Cell
BPY47P SIEMENS-BPY47P Datasheet
159Kb / 3P
   Silizium-Fotoelement Silicon Photovoltaic Cell
BPY63P SIEMENS-BPY63P Datasheet
190Kb / 4P
   Silizium-Fotoelement Silicon Photovoltaic Cell
BPX79 SIEMENS-BPX79 Datasheet
201Kb / 4P
   Silizium-Fotoelement mit erhohter Blauempfindlichkeit Silicon Photovoltaic Cell with Enhanced Blue Sensitivity
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
logo
Vishay Siliconix
VSB2045Y-M3 VISHAY-VSB2045Y-M3 Datasheet
79Kb / 6P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 04-Dec-13
logo
HY ELECTRONIC CORP.
20TLV045 HY-20TLV045_17 Datasheet
138Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com