Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40HFL20S05 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 40HFL20S05
Description  Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40HFL20S05 Datasheet(HTML) 3 Page - Vishay Siliconix

  40HFL20S05 Datasheet HTML 1Page - Vishay Siliconix 40HFL20S05 Datasheet HTML 2Page - Vishay Siliconix 40HFL20S05 Datasheet HTML 3Page - Vishay Siliconix 40HFL20S05 Datasheet HTML 4Page - Vishay Siliconix 40HFL20S05 Datasheet HTML 5Page - Vishay Siliconix 40HFL20S05 Datasheet HTML 6Page - Vishay Siliconix 40HFL20S05 Datasheet HTML 7Page - Vishay Siliconix 40HFL20S05 Datasheet HTML 8Page - Vishay Siliconix 40HFL20S05 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Document Number: 93150
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 25-May-09
3
40HFL, 70HFL, 85HFL Series
Fast Recovery Diodes
(Stud Version), 40 A/70 A/85 A
Vishay High Power Products
Note
(1) I2t for time tx = I2√t • √tx
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
40HFL
70HFL
85HFL
UNITS
Maximum average forward current
at maximum case temperature
IF(AV)
180° conduction, half sine wave
40
70
85
A
75
°C
Maximum RMS forward current
IF(RMS)
63
110
134
A
Maximum peak repetitive forward current
IFRM
Sinusoidal half wave, 30° conduction
220
380
470
A
Maximum peak, one-cycle
non-repetitive forward current
IFSM
t = 10 ms
Sinusoidal half wave, 100
% VRRM reapplied,
initial TJ = TJ maximum
400
700
1100
A
t = 8.3 ms
420
730
1151
t = 10 ms
Sinusoidal half wave,
no voltage reapplied,
initial TJ = TJ maximum
475
830
1308
t = 8.3 ms
500
870
1369
Maximum I2t for fusing
I2t
t = 10 ms
100 % VRRM reapplied,
initial TJ = TJ maximum
800
2450
6050
A2s
t = 8.3 ms
730
2240
5523
t = 10 ms
No voltage reapplied,
initial TJ = TJ maximum
1130
3460
8556
t = 8.3 ms
1030
3160
7810
Maximum I2
√t for fusing (1)
I2
√t
t = 0.1 ms to 10 ms, no voltage reapplied
11 300
34 650
85 560
A2
√s
Maximum value of threshold voltage
VF(TO)
TJ = 125 °C
1.081
1.085
1.128
V
Maximum value of forward slope resistance
rF
6.33
3.40
2.11
m
Ω
Maximum forward voltage drop
VFM
TJ = 25 °C, IFM = π x IF(AV)
1.95
1.85
1.75
V
RECOVERY CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
40HFL...
70HFL...
85HFL...
UNITS
S02
S05
S10
S02
S05
S10
S02
S05
S10
Typical reverse
recovery time
trr
TJ = 25 °C, IF = 1 A to VR = 30 V,
- dIF/dt = 100 A/µs
70
180
350
60
150
290
50
120
270
ns
TJ = 25 °C, - dIF/dt = 25 A/µs,
IFM = π x rated IF(AV)
200
500
1000
200
500
1000
200
500
1000
Typical reverse
recovered charge
Qrr
TJ = 25 °C, IF = 1 A to VR = 30 V,
- dIF/dt = 100 A/µs
160
750
3100
90
500
1600
70
340
1350
nC
TJ = 25 °C, - dIF/dt = 25 A/µs,
IFM = π x rated IF(AV)
240
1300
6000
240
1300
6000
240
1300
6000


Similar Part No. - 40HFL20S05

ManufacturerPart #DatasheetDescription
logo
International Rectifier
40HFL20S05 IRF-40HFL20S05 Datasheet
3Mb / 10P
   FAST RECOVERY DIODES
40HFL20S05 IRF-40HFL20S05 Datasheet
360Kb / 10P
   Fast Recovery Rectifiers
logo
Vishay Siliconix
40HFL20S05 VISHAY-40HFL20S05 Datasheet
1Mb / 12P
   Fast Recovery Diodes (Stud Version), 40/70/85 A
Revision: 16-May-08
40HFL20S05 VISHAY-40HFL20S05 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
logo
New Jersey Semi-Conduct...
40HFL20S05 NJSEMI-40HFL20S05 Datasheet
89Kb / 1P
   Rectifiers Fast Recovery
More results

Similar Description - 40HFL20S05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40HFL VISHAY-VS-40HFL Datasheet
220Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 02-Mar-17
VS-40HFL60S02 VISHAY-VS-40HFL60S02 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
VS-40HFL VISHAY-VS-40HFL_V01 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
40HFL VISHAY-40HFL Datasheet
1Mb / 12P
   Fast Recovery Diodes (Stud Version), 40/70/85 A
Revision: 16-May-08
T40HFL VISHAY-T40HFL_10 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-T40HFL VISHAY-VS-T40HFL_V01 Datasheet
367Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A, 70 A, 85 A
01-Jan-2022
T40HFL VISHAY-T40HFL_V01 Datasheet
427Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
12-Mar-12
VS-T70HFL60S02 VISHAY-VS-T70HFL60S02 Datasheet
423Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-85HFR40M8 VISHAY-VS-85HFR40M8 Datasheet
172Kb / 8P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
VS-85HFR VISHAY-VS-85HFR_V01 Datasheet
182Kb / 10P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com