Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16F Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 16F
Description  Standard Recovery Diodes (Stud Version), 6 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

16F Datasheet(HTML) 5 Page - Vishay Siliconix

  16F Datasheet HTML 1Page - Vishay Siliconix 16F Datasheet HTML 2Page - Vishay Siliconix 16F Datasheet HTML 3Page - Vishay Siliconix 16F Datasheet HTML 4Page - Vishay Siliconix 16F Datasheet HTML 5Page - Vishay Siliconix 16F Datasheet HTML 6Page - Vishay Siliconix 16F Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 93491
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 29-Sep-08
5
16F(R) Series
Standard Recovery Diodes
(Stud Version), 16 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Current rating: Code = IF(AV)
2
-
F = Standard device
3
-
None = Stud normal polarity (cathode to stud)
R = Stud reverse polarity (anode to stud)
4
-
Voltage code x 10 = VRRM (see Voltage Ratings table)
5
-
None = Stud base DO-203AA (DO-4) 10-32UNF-2A
M = Stud base DO-203AA (DO-4) M5 x 0.8
(not available for avalanche diodes)
Device code
5
13
24
16
F
R
120
M
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95311


Similar Part No. - 16F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
336Kb / 8P
   6,12 and 16 Amp Diffused Silicon Rectifier Diodes
logo
Vishay Siliconix
16F VISHAY-16F Datasheet
141Kb / 6P
   Standard Recovery Diodes (Stud Version), 16 A
Revision: 29-Sep-08
logo
Naina Semiconductor ltd...
16F NAINA-16F Datasheet
81Kb / 1P
   16AMP SILICON POWER DIODE
logo
New Jersey Semi-Conduct...
16F NJSEMI-16F Datasheet
219Kb / 4P
   STANDARD RECOVERY DIODES
More results

Similar Description - 16F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6FR VISHAY-6FR_08 Datasheet
129Kb / 6P
   Standard Recovery Diodes (Stud Version), 6 A
Revision: 29-Sep-08
6FR VISHAY-6FR_12 Datasheet
142Kb / 7P
   Standard Recovery Diodes (Stud Version), 6 A
Revision: 29-Sep-08
VS-6FR VISHAY-VS-6FR_V01 Datasheet
154Kb / 6P
   Standard Recovery Diodes, (Stud Version), 6 A
01-Jan-2022
VS-6FR VISHAY-VS-6FR Datasheet
154Kb / 6P
   Standard Recovery Diodes (Stud Version), 6 A
Revision: 16-Nov-15
VS-6F VISHAY-VS-6F Datasheet
154Kb / 6P
   Standard Recovery Diodes(Stud Version), 6 A
Revision: 16-Nov-15
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com