Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80PF140W Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 80PF140W
Description  Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 80 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80PF140W Datasheet(HTML) 4 Page - Vishay Siliconix

  80PF140W Datasheet HTML 1Page - Vishay Siliconix 80PF140W Datasheet HTML 2Page - Vishay Siliconix 80PF140W Datasheet HTML 3Page - Vishay Siliconix 80PF140W Datasheet HTML 4Page - Vishay Siliconix 80PF140W Datasheet HTML 5Page - Vishay Siliconix 80PF140W Datasheet HTML 6Page - Vishay Siliconix 80PF140W Datasheet HTML 7Page - Vishay Siliconix 80PF140W Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93527
4
Revision: 20-May-09
80PF(R)...(W) High Voltage Series
Vishay High Power Products
Standard Recovery Diodes
Generation 2 DO-5 (Stud Version), 80 A
Fig. 5 - Thermal Impedance ZthJC Characteristics
ORDERING INFORMATION TABLE
Square Wave Pulse Duration (s)
0.01
0.1
1
0.0001 0.001
0.01
0.1
1
10
Steady State Value
RthJC = 0.3 K/W
(DC Operation)
80PF(R) Series
80PF(R) Series
140 to 160
1
-
80 = Standard device
Device code
5
13
24
80
PF
R
160
W
2
-
PF = Plastic package
3
-
None = Stud normal polarity (cathode to stud)
R = Stud reverse polarity (anode to stud)
4
-
Voltage code x 10 = VRRM (see Voltage Ratings table)
5
-
None = Standard terminal
(see dimensions for 80PF(R)... - link at the end of datasheet)
W = Wire terminal
(see dimensions for 80PF(R)...W - link at the end of datasheet)
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95345


Similar Part No. - 80PF140W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80PF140W VISHAY-80PF140W Datasheet
105Kb / 5P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 80 A
Revision: 01-Oct-08
More results

Similar Description - 80PF140W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80PF40 VISHAY-80PF40 Datasheet
129Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
Revision: 20-May-09
80PF40 VISHAY-80PF40_12 Datasheet
171Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
Revision: 20-May-09
80PF140 VISHAY-80PF140 Datasheet
105Kb / 5P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 80 A
Revision: 01-Oct-08
VS-80PFRHVSERIES VISHAY-VS-80PFRHVSERIES Datasheet
180Kb / 8P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
01-Jan-2022
VS-80PF VISHAY-VS-80PF_V01 Datasheet
206Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (DO-203AB) (Stud Version), 80 A
01-Jan-2022
95PF40 VISHAY-95PF40_12 Datasheet
172Kb / 9P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
VS-50PFW VISHAY-VS-50PFW Datasheet
165Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 04-Dec-14
95PF140 VISHAY-95PF140_12 Datasheet
142Kb / 8P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
50PF40 VISHAY-50PF40 Datasheet
149Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 01-Oct-08
VS-95PF VISHAY-VS-95PF Datasheet
169Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 95 A
Revision: 04-Dec-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com