Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80PF120W Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 80PF120W
Description  Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80PF120W Datasheet(HTML) 1 Page - Vishay Siliconix

  80PF120W Datasheet HTML 1Page - Vishay Siliconix 80PF120W Datasheet HTML 2Page - Vishay Siliconix 80PF120W Datasheet HTML 3Page - Vishay Siliconix 80PF120W Datasheet HTML 4Page - Vishay Siliconix 80PF120W Datasheet HTML 5Page - Vishay Siliconix 80PF120W Datasheet HTML 6Page - Vishay Siliconix 80PF120W Datasheet HTML 7Page - Vishay Siliconix 80PF120W Datasheet HTML 8Page - Vishay Siliconix 80PF120W Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 93526
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 20-May-09
1
Standard Recovery Diodes,
Generation 2 DO-5 (Stud Version), 80 A
80PF(R)...(W) Series
Vishay High Power Products
FEATURES
• High surge current capability
• Designed for a wide range of applications
• Stud cathode and stud anode version
• Wire version available
• Low thermal resistance
• UL approval pending
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for multiple level
TYPICAL APPLICATIONS
• Battery chargers
• Converters
• Power supplies
• Machine tool controls
• Welding
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IF(AV)
80 A
80PF(R)...
80PF(R)...W
DO-203AB (DO-5)
DO-203AB (DO-5)
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IF(AV)
80
A
TC
140
°C
IF(RMS)
126
A
IFSM
50 Hz
1500
A
60 Hz
1570
I2t
50 Hz
11 250
A2s
60 Hz
10 230
VRRM
Range
400 to 1200
V
TJ
- 55 to 180
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = 150 °C
mA
80PF(R)...(W)
40
400
500
9
80
800
960
120
1200
1440


Similar Part No. - 80PF120W

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80PF120W IRF-80PF120W Datasheet
143Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
80PF120W VISHAY-80PF120W Datasheet
129Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
Revision: 20-May-09
More results

Similar Description - 80PF120W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80PF40 VISHAY-80PF40 Datasheet
129Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
Revision: 20-May-09
80PF140 VISHAY-80PF140_12 Datasheet
146Kb / 8P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 80 A
Revision: 20-May-09
80PF140 VISHAY-80PF140 Datasheet
105Kb / 5P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 80 A
Revision: 01-Oct-08
VS-80PFRHVSERIES VISHAY-VS-80PFRHVSERIES Datasheet
180Kb / 8P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
01-Jan-2022
VS-80PF VISHAY-VS-80PF_V01 Datasheet
206Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (DO-203AB) (Stud Version), 80 A
01-Jan-2022
95PF40 VISHAY-95PF40_12 Datasheet
172Kb / 9P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
VS-50PFW VISHAY-VS-50PFW Datasheet
165Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 04-Dec-14
95PF140 VISHAY-95PF140_12 Datasheet
142Kb / 8P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
50PF40 VISHAY-50PF40 Datasheet
149Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 01-Oct-08
VS-95PF VISHAY-VS-95PF Datasheet
169Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 95 A
Revision: 04-Dec-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com