Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70HFL10S02 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 70HFL10S02
Description  Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

70HFL10S02 Datasheet(HTML) 2 Page - Vishay Siliconix

  70HFL10S02 Datasheet HTML 1Page - Vishay Siliconix 70HFL10S02 Datasheet HTML 2Page - Vishay Siliconix 70HFL10S02 Datasheet HTML 3Page - Vishay Siliconix 70HFL10S02 Datasheet HTML 4Page - Vishay Siliconix 70HFL10S02 Datasheet HTML 5Page - Vishay Siliconix 70HFL10S02 Datasheet HTML 6Page - Vishay Siliconix 70HFL10S02 Datasheet HTML 7Page - Vishay Siliconix 70HFL10S02 Datasheet HTML 8Page - Vishay Siliconix 70HFL10S02 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93150
2
Revision: 25-May-09
40HFL, 70HFL, 85HFL Series
Vishay High Power Products
Fast Recovery Diodes
(Stud Version), 40 A/70 A/85 A
ELECTRICAL SPECIFICATIONS
Note
(1) Types listed are cathode case, for anode case add “R” to code, i.e. 40HFLR20S02, 85HFLR100S05 etc.
VOLTAGE RATINGS
TYPE NUMBER (1)
VRRM, MAXIMUM
PEAK REPETITIVE
REVERSE VOLTAGE
TJ = - 40 °C TO 125 °C
V
VRSM, MAXIMUM PEAK
NON-REPETITIVE
REVERSE VOLTAGE
TJ = 25 °C TO 125 °C
V
IFM, MAXIMUM PEAK REVERSE
CURRENT AT RATED VRRM
mA
TJ = 25 °C
TJ = 125 °C
40HFL10S02, 40HFL10S05, 40HFL10S10
100
150
0.1
10
40HFL20S02, 40HFL20S05, 40HFL20S10
200
300
40HFL40S02, 40HFL40S05, 40HFL40S10
400
500
40HFL60S02, 40HFL60S05, 40HFL60S10
600
700
40HFL80S05, 40HFL80S10
800
900
40HFL100S05, 40HFL100S10
1000
1100
70HFL10S02, 70HFL10S05, 70HFL10S10
100
150
0.1
15
70HFL20S02, 70HFL20S05, 70HFL20S10
200
300
70HFL40S02, 70HFL40S05, 70HFL40S10
400
500
70HFL60S02, 70HFL60S05, 70HFL60S10
600
700
70HFL80S05, 70HFL80S10
800
900
70HFL100S05, 70HFL100S10
1000
1100
85HFL10S02, 85HFL10S05, 85HFL10S10
100
150
0.1
20
85HFL20S02, 85HFL20S05, 85HFL20S10
200
300
85HFL40S02, 85HFL40S05, 85HFL40S10
400
500
85HFL60S02, 85HFL60S05, 85HFL60S10
600
700
85HFL80S05, 85HFL80S10
800
900
85HFL100S05, 85HFL100S10
1000
1100


Similar Part No. - 70HFL10S02

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70HFL10S02 IRF-70HFL10S02 Datasheet
3Mb / 10P
   FAST RECOVERY DIODES
70HFL10S02 IRF-70HFL10S02 Datasheet
360Kb / 10P
   Fast Recovery Rectifiers
logo
Vishay Siliconix
70HFL10S02 VISHAY-70HFL10S02 Datasheet
1Mb / 12P
   Fast Recovery Diodes (Stud Version), 40/70/85 A
Revision: 16-May-08
logo
New Jersey Semi-Conduct...
70HFL10S02 NJSEMI-70HFL10S02 Datasheet
89Kb / 1P
   Rectifiers Fast Recovery
logo
TRANSYS Electronics Lim...
70HFL10S02/5/10 TEL-70HFL10S02/5/10 Datasheet
201Kb / 1P
   Super Fast Recovery Rectifier
More results

Similar Description - 70HFL10S02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40HFL VISHAY-VS-40HFL Datasheet
220Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 02-Mar-17
VS-40HFL60S02 VISHAY-VS-40HFL60S02 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
VS-40HFL VISHAY-VS-40HFL_V01 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
40HFL VISHAY-40HFL Datasheet
1Mb / 12P
   Fast Recovery Diodes (Stud Version), 40/70/85 A
Revision: 16-May-08
T40HFL VISHAY-T40HFL_10 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-T40HFL VISHAY-VS-T40HFL_V01 Datasheet
367Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A, 70 A, 85 A
01-Jan-2022
T40HFL VISHAY-T40HFL_V01 Datasheet
427Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
12-Mar-12
VS-T70HFL60S02 VISHAY-VS-T70HFL60S02 Datasheet
423Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-85HFR40M8 VISHAY-VS-85HFR40M8 Datasheet
172Kb / 8P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
VS-85HFR VISHAY-VS-85HFR_V01 Datasheet
182Kb / 10P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com