Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEF12PUR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STEF12PUR
Description  Electronic fuse for 12 V line
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12PUR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STEF12PUR Datasheet HTML 7Page - STMicroelectronics STEF12PUR Datasheet HTML 8Page - STMicroelectronics STEF12PUR Datasheet HTML 9Page - STMicroelectronics STEF12PUR Datasheet HTML 10Page - STMicroelectronics STEF12PUR Datasheet HTML 11Page - STMicroelectronics STEF12PUR Datasheet HTML 12Page - STMicroelectronics STEF12PUR Datasheet HTML 13Page - STMicroelectronics STEF12PUR Datasheet HTML 14Page - STMicroelectronics STEF12PUR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
STEF12
Typical application
Doc ID 019056 Rev 3
11/20
Figure 6.
Enable/Fault pin status
AM09871v1
0
1
2
3
4
5
time
Normal operating condition
Thermal fault condition
Off/Reset


Similar Part No. - STEF12PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF12E STMICROELECTRONICS-STEF12E Datasheet
2Mb / 19P
   Electronic fuse for 12 V line
Rev 2 - June 2022
STEF12EPUR STMICROELECTRONICS-STEF12EPUR Datasheet
2Mb / 19P
   Electronic fuse for 12 V line
Rev 2 - June 2022
STEF12H60M STMICROELECTRONICS-STEF12H60M Datasheet
2Mb / 34P
   60 A electronic fuse for 12 V DC rail
Rev 3 - May 2021
STEF12H60MAPUR STMICROELECTRONICS-STEF12H60MAPUR Datasheet
2Mb / 34P
   60 A electronic fuse for 12 V DC rail
Rev 3 - May 2021
STEF12H60MPUR STMICROELECTRONICS-STEF12H60MPUR Datasheet
2Mb / 34P
   60 A electronic fuse for 12 V DC rail
Rev 3 - May 2021
More results

Similar Description - STEF12PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF12E STMICROELECTRONICS-STEF12E Datasheet
2Mb / 19P
   Electronic fuse for 12 V line
Rev 2 - June 2022
STEF12S STMICROELECTRONICS-STEF12S Datasheet
1Mb / 31P
   Electronic fuse for 12 V line
Rev 5 - March 2022
STEF05 STMICROELECTRONICS-STEF05 Datasheet
1Mb / 20P
   Electronic fuse for 5 V line
STEF033 STMICROELECTRONICS-STEF033 Datasheet
1Mb / 25P
   Electronic fuse for 3.3 V line
January 2015 Rev 2
STEF05D STMICROELECTRONICS-STEF05D Datasheet
1Mb / 19P
   Electronic fuse for 5 V line
March 2013 Rev 1
logo
ON Semiconductor
NIS6420 ONSEMI-NIS6420 Datasheet
164Kb / 11P
   Electronic Fuse, 3 to 12 V
December, 2020 ??Rev. 4
logo
STMicroelectronics
STEF512GR STMICROELECTRONICS-STEF512GR Datasheet
1Mb / 22P
   Dual electronic fuse for 5 V and 12 V rails
Rev 2 - March 2020
STEF12H60M STMICROELECTRONICS-STEF12H60M Datasheet
2Mb / 34P
   60 A electronic fuse for 12 V DC rail
Rev 3 - May 2021
STEF512PUR STMICROELECTRONICS-STEF512PUR Datasheet
1Mb / 21P
   Dual electronic fuse (eFuse) for 5 V and 12 V rails
DS13182 - Rev 3 - September 2020
logo
ON Semiconductor
NIS5132MN3TXG ONSEMI-NIS5132MN3TXG Datasheet
264Kb / 11P
   12 Volt Electronic Fuse
February, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com