Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEF12PUR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STEF12PUR
Description  Electronic fuse for 12 V line
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12PUR Datasheet(HTML) 4 Page - STMicroelectronics

  STEF12PUR Datasheet HTML 1Page - STMicroelectronics STEF12PUR Datasheet HTML 2Page - STMicroelectronics STEF12PUR Datasheet HTML 3Page - STMicroelectronics STEF12PUR Datasheet HTML 4Page - STMicroelectronics STEF12PUR Datasheet HTML 5Page - STMicroelectronics STEF12PUR Datasheet HTML 6Page - STMicroelectronics STEF12PUR Datasheet HTML 7Page - STMicroelectronics STEF12PUR Datasheet HTML 8Page - STMicroelectronics STEF12PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Pin configuration
STEF12
4/20
Doc ID 019056 Rev 3
2
Pin configuration
Figure 2.
Pin configuration (top view)
V
CC
Source
Source
Source
Source
Source
GND
dv/dt
En/fault
I-Limit
N/C
AM09880v1
Table 2.
Pin description
Pin n°
Symbol
Note
1
GND
Ground pin
2dv/dt
The internal dv/dt circuit controls the slew rate of the output voltage at turn-on. The
internal capacitor allows a ramp-up time of around 1ms. An external capacitor can be
added to this pin to increase the ramp time. If an additional capacitor is not required, this
pin should be left open.
3
En/Fault
The Enable/Fault pin is a tri-state, bi-directional interface. During normal operation the pin
must be left floating, or it can be used to disable the output of the device by pulling it to
ground using an open drain or open collector device.
If a thermal fault occurs, the voltage on this pin goes into an intermediate state to signal a
monitor circuit that the device is in thermal shutdown. It can be connected to another
device of this family to cause a simultaneous shutdown during thermal events.
4
I-Limit
A resistor between this pin and the Source pin sets the overload and short-circuit current
limit levels.
5
NC
Not connected
6 to 10
VOUT/Source
Connected to the source of the internal power MOSFET and to the output terminal of the
fuse
11
VCC
Exposed pad. Positive input voltage must be connected to VCC.


Similar Part No. - STEF12PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF12E STMICROELECTRONICS-STEF12E Datasheet
2Mb / 19P
   Electronic fuse for 12 V line
Rev 2 - June 2022
STEF12EPUR STMICROELECTRONICS-STEF12EPUR Datasheet
2Mb / 19P
   Electronic fuse for 12 V line
Rev 2 - June 2022
STEF12H60M STMICROELECTRONICS-STEF12H60M Datasheet
2Mb / 34P
   60 A electronic fuse for 12 V DC rail
Rev 3 - May 2021
STEF12H60MAPUR STMICROELECTRONICS-STEF12H60MAPUR Datasheet
2Mb / 34P
   60 A electronic fuse for 12 V DC rail
Rev 3 - May 2021
STEF12H60MPUR STMICROELECTRONICS-STEF12H60MPUR Datasheet
2Mb / 34P
   60 A electronic fuse for 12 V DC rail
Rev 3 - May 2021
More results

Similar Description - STEF12PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF12E STMICROELECTRONICS-STEF12E Datasheet
2Mb / 19P
   Electronic fuse for 12 V line
Rev 2 - June 2022
STEF12S STMICROELECTRONICS-STEF12S Datasheet
1Mb / 31P
   Electronic fuse for 12 V line
Rev 5 - March 2022
STEF05 STMICROELECTRONICS-STEF05 Datasheet
1Mb / 20P
   Electronic fuse for 5 V line
STEF033 STMICROELECTRONICS-STEF033 Datasheet
1Mb / 25P
   Electronic fuse for 3.3 V line
January 2015 Rev 2
STEF05D STMICROELECTRONICS-STEF05D Datasheet
1Mb / 19P
   Electronic fuse for 5 V line
March 2013 Rev 1
logo
ON Semiconductor
NIS6420 ONSEMI-NIS6420 Datasheet
164Kb / 11P
   Electronic Fuse, 3 to 12 V
December, 2020 ??Rev. 4
logo
STMicroelectronics
STEF512GR STMICROELECTRONICS-STEF512GR Datasheet
1Mb / 22P
   Dual electronic fuse for 5 V and 12 V rails
Rev 2 - March 2020
STEF12H60M STMICROELECTRONICS-STEF12H60M Datasheet
2Mb / 34P
   60 A electronic fuse for 12 V DC rail
Rev 3 - May 2021
STEF512PUR STMICROELECTRONICS-STEF512PUR Datasheet
1Mb / 21P
   Dual electronic fuse (eFuse) for 5 V and 12 V rails
DS13182 - Rev 3 - September 2020
logo
ON Semiconductor
NIS5132MN3TXG ONSEMI-NIS5132MN3TXG Datasheet
264Kb / 11P
   12 Volt Electronic Fuse
February, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com