Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

300U60 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 300U60
Description  Standard Recovery Diodes (Stud Version), 300 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

300U60 Datasheet(HTML) 1 Page - Vishay Siliconix

  300U60 Datasheet HTML 1Page - Vishay Siliconix 300U60 Datasheet HTML 2Page - Vishay Siliconix 300U60 Datasheet HTML 3Page - Vishay Siliconix 300U60 Datasheet HTML 4Page - Vishay Siliconix 300U60 Datasheet HTML 5Page - Vishay Siliconix 300U60 Datasheet HTML 6Page - Vishay Siliconix 300U60 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 93508
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 24-Jun-08
1
Standard Recovery Diodes
(Stud Version), 300 A
300U(R) Series
Vishay High Power Products
FEATURES
• Alloy diode
• Popular series for rough service
• Stud cathode and stud anode version
• RoHS compliant
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
•Welders
• Power supplies
• Motor controls
• Battery chargers
• General industrial current rectification
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IF(AV)
300 A
DO-205AB (DO-9)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IF(AV)
300
A
TC
150
°C
IFSM
50 Hz
6550
A
60 Hz
6850
I2t
50 Hz
214
kA2s
60 Hz
195
VRRM
Range
100 to 600
V
TJ
- 65 to 200
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = 175 °C
mA
300U(R)
10
100
200
40
20
200
300
30
300
400
40
400
500
60
600
700


Similar Part No. - 300U60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
300U60 IRF-300U60 Datasheet
188Kb / 7P
   STANDARD RECOVERY DIODES
logo
Naina Semiconductor ltd...
300U60 NAINA-300U60 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
logo
International Rectifier
300U60A IRF-300U60A Datasheet
182Kb / 7P
   STANDARD RECOVERY DIODES
300U60A IRF-300U60A Datasheet
188Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
300U60A VISHAY-300U60A Datasheet
107Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 24-Jun-08
More results

Similar Description - 300U60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-300UR VISHAY-VS-300UR Datasheet
165Kb / 7P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
301U VISHAY-301U Datasheet
175Kb / 8P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 23-Jun-08
300HFL VISHAY-300HFL Datasheet
102Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 02-Jun-08
VS-301UR VISHAY-VS-301UR Datasheet
407Kb / 12P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
300UR VISHAY-300UR Datasheet
107Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 24-Jun-08
301U VISHAY-301U_12 Datasheet
375Kb / 12P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 23-Jun-08
VS-70U VISHAY-VS-70U Datasheet
179Kb / 7P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 26-Mar-14
VS-300U VISHAY-VS-300U_V01 Datasheet
166Kb / 7P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
VS-301U VISHAY-VS-301U_V01 Datasheet
407Kb / 12P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com