Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

300UR60 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 300UR60
Description  Standard Recovery Diodes (Stud Version), 300 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

300UR60 Datasheet(HTML) 2 Page - Vishay Siliconix

  300UR60 Datasheet HTML 1Page - Vishay Siliconix 300UR60 Datasheet HTML 2Page - Vishay Siliconix 300UR60 Datasheet HTML 3Page - Vishay Siliconix 300UR60 Datasheet HTML 4Page - Vishay Siliconix 300UR60 Datasheet HTML 5Page - Vishay Siliconix 300UR60 Datasheet HTML 6Page - Vishay Siliconix 300UR60 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93508
2
Revision: 24-Jun-08
300U(R) Series
Vishay High Power Products Standard Recovery Diodes
(Stud Version), 300 A
Note
(1) 302U-A uses case style B-26
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
300
A
130
°C
Maximum peak, one cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
6550
A
t = 8.3 ms
6850
t = 10 ms
100 % VRRM
reapplied
5500
t = 8.3 ms
5750
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
214
kA2s
t = 8.3 ms
195
t = 10 ms
100 % VRRM
reapplied
151
t = 8.3 ms
138
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
2140
kA2
√s
Maximum value of threshold voltage
VF(TO)
TJ = 200 °C
0.610
V
Maximum value of forward
slope resistance
rf
0.751
m
Ω
Maximum forward voltage drop
VFM
Ipk = 942 A, TJ = 25 °C
1.40
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating and
storage temperature range
TJ, TStg
- 65 to 200
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.18
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.08
Maximum allowed mounting torque
+ 0 - 20 %
Not lubricated threads
37
Nm
Lubricated threads
28
Approximate weight
250
g
Case style
(JEDEC) see dimensions - link at the end of datasheet
DO-205AB (DO-9) (1)
ΔR
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.020
0.015
TJ = TJ maximum
K/W
120°
0.024
0.025
90°
0.031
0.034
60°
0.045
0.047
30°
0.077
0.077


Similar Part No. - 300UR60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
300UR60 IRF-300UR60 Datasheet
188Kb / 7P
   STANDARD RECOVERY DIODES
logo
Naina Semiconductor ltd...
300UR60 NAINA-300UR60 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
logo
International Rectifier
300UR60A IRF-300UR60A Datasheet
182Kb / 7P
   STANDARD RECOVERY DIODES
300UR60A IRF-300UR60A Datasheet
188Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
300UR60A VISHAY-300UR60A Datasheet
107Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 24-Jun-08
More results

Similar Description - 300UR60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-300UR VISHAY-VS-300UR Datasheet
165Kb / 7P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
301U VISHAY-301U Datasheet
175Kb / 8P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 23-Jun-08
300HFL VISHAY-300HFL Datasheet
102Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 02-Jun-08
VS-301UR VISHAY-VS-301UR Datasheet
407Kb / 12P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
300UR VISHAY-300UR Datasheet
107Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 24-Jun-08
301U VISHAY-301U_12 Datasheet
375Kb / 12P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 23-Jun-08
VS-70U VISHAY-VS-70U Datasheet
179Kb / 7P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 26-Mar-14
VS-300U VISHAY-VS-300U_V01 Datasheet
166Kb / 7P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
VS-301U VISHAY-VS-301U_V01 Datasheet
407Kb / 12P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com