Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400U80D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 400U80D
Description  Standard Recovery Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

400U80D Datasheet(HTML) 4 Page - Vishay Siliconix

  400U80D Datasheet HTML 1Page - Vishay Siliconix 400U80D Datasheet HTML 2Page - Vishay Siliconix 400U80D Datasheet HTML 3Page - Vishay Siliconix 400U80D Datasheet HTML 4Page - Vishay Siliconix 400U80D Datasheet HTML 5Page - Vishay Siliconix 400U80D Datasheet HTML 6Page - Vishay Siliconix 400U80D Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93510
4
Revision: 23-Jun-08
400U(R) Series
Vishay High Power Products Standard Recovery Diodes
(Stud Version), 400 A
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristic
2000
3000
4000
5000
6000
7000
8000
110
100
400U/R
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 190°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
Number Of Equal Amplitude Half Cycle Current Pulses (N)
1000
2000
3000
4000
5000
6000
7000
8000
9000
0.01
0.1
1
Versus Pulse Train Duration.
Maximum Non Repetitive Surge Current
400U/R
Initial Tj = 190°C
No Voltage Reapplied
Rated Vrrm Reapplied
Pulse Train Duration (s)
100
1000
10000
0.5
11.5
22.5
400U/R
Tj = 25°C
Tj = 190°C
Instantaneous Forward Voltage (V)
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
400U/R
Steady State Value:
RthJC = 0.15 K/W
(DC Operation)
Square Wave Pulse Duration (s)


Similar Part No. - 400U80D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
400U80D IRF-400U80D Datasheet
98Kb / 6P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
400U80D VISHAY-400U80D Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
More results

Similar Description - 400U80D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com