Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16-V Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAS16-V
Description  Small Signal Fast Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS16-V Datasheet(HTML) 2 Page - Vishay Siliconix

  BAS16-V Datasheet HTML 1Page - Vishay Siliconix BAS16-V Datasheet HTML 2Page - Vishay Siliconix BAS16-V Datasheet HTML 3Page - Vishay Siliconix BAS16-V Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 85539
Rev. 1.6, 12-Aug-10
BAS16-V
Vishay Semiconductors
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Junction ambient
On ceramic substrate
8 mm x 10 mm x 0.7 mm
RthJA
357
K/W
Junction and storage
temperature range
Tj = Tstg
- 55 to + 150
°C
Parameter
Test condition
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = 1 mA
VF
715
mV
IF = 10 mA
VF
855
mV
IF = 50 mA
VF
1V
IF = 150 mA
VF
1.25
V
Reverse current
VR = 75 V
IR
1µA
VR = 75 V, Tj = 150 °C
IR
50
µA
VR = 25 V, Tj = 150 °C
IR
30
µA
Diode capacitance
VR = 0, f = 1 MHz
CD
4pF
Reverse recovery time
IF = 10 mA to IR = 1 mA,
VR = 6 V, RL = 100 Ω
trr
6ns
Figure 1. Forward Current vs. Forward Voltage
0.01
0.1
1
10
100
1000
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
VF - Forward Voltage (V)
14356
Tj = 100 °C
25 °C
Figure 2. Reverse Current vs. Junction Temperature
1
10
100
1000
10000
0
25
50
75
100 125 150 175 200
Tj –Junction Temperature (°C)
14357
VR =20 V


Similar Part No. - BAS16-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS16-V VISHAY-BAS16-V Datasheet
157Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 09-Mar-06
BAS16-V-GS08 VISHAY-BAS16-V-GS08 Datasheet
140Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 09-Mar-06
BAS16-V-GS18 VISHAY-BAS16-V-GS18 Datasheet
157Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 09-Mar-06
BAS16-V_GS08 VISHAY-BAS16-V_GS08 Datasheet
157Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 09-Mar-06
More results

Similar Description - BAS16-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4151W-V VISHAY-1N4151W-V Datasheet
205Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.2, 06-Apr-05
1N4148W-V VISHAY-1N4148W-V_15 Datasheet
93Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.5, 27-Jul-12
LL4154-M VISHAY-LL4154-M Datasheet
85Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.0, 02-Mar-15
1N4148WFL-G VISHAY-1N4148WFL-G Datasheet
94Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.0., 24-Oct-13
1N4148W-G VISHAY-1N4148W-G Datasheet
96Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.2, 08-May-13
1N4448WS VISHAY-1N4448WS Datasheet
91Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 14-Oct-16
1N4148W VISHAY-1N4148W Datasheet
105Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.7, 08-May-13
BAS16-V-GS08 VISHAY-BAS16-V-GS08 Datasheet
140Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 09-Mar-06
logo
KODENSHI_AUK CORP.
SDS914 KODENSHI-SDS914 Datasheet
251Kb / 5P
   Small Signal Fast Switching Diode
SDS2838EF KODENSHI-SDS2838EF Datasheet
265Kb / 5P
   Small Signal Fast Switching Diode
SUD494J KODENSHI-SUD494J Datasheet
280Kb / 5P
   Small Signal Fast Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com