Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-P32 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62702-P32
Description  NPN-Silizium-Fototransistor Zeilen Silicon NPN Phototransistor Arrays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-P32 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62702-P32 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-P32 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-P32 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-P32 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-P32 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Semiconductor Group
2
BPX 80
BPX 82 ... 89
Typ
Type
Transistoren
pro Zeile
Number of Transistors
per Array
Maße “A”
Dimensions “A”
Bestellnummer
Ordering Code
min
max
BPX 82
2
4.5
4.9
Q62702-P21
BPX 83
3
7.0
7.4
Q62702-P25
BPX 84
4
9.6
10
Q62702-P30
BPX 85
5
12.1
12.5
Q62702-P31
BPX 86
6
14.6
15
Q62702-P22
BPX 87
7
17.2
17.6
Q62702-P32
BPX 88
8
19.7
20.1
Q62702-P33
BPX 89
9
22.3
22.7
Q62702-P26
BPX 80
10
24.8
25.2
Q62702-P28
Grenzwerte
Maximum Ratings
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 40 ... + 80
°C
Löttemperatur bei Tauchlötung
Lötstelle
≥ 2 mm vom Gehäuse,
Lötzeit
t
≤ 3 s
Dip soldering temperature
≥ 2 mm distance
from case bottom, soldering time
t
≤ 3 s
T
S
230
°C
Löttemperatur bei Kolbenlötung
Lötstelle
≥ 2 mm vom Gehäuse,
Lötzeit
t
≤ 5 s
Iron soldering temperature
≥ 2 mm distance
from case bottom, soldering time
t
≤ 5 s
T
S
300
°C
Kollektor-Emitterspannung
Collector-emitter voltage
V
CE
32
V
Kollektorstrom
Collector current
I
C
50
mA


Similar Part No. - Q62702-P32

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-P3257 SIEMENS-Q62702-P3257 Datasheet
20Kb / 2P
   Unmounted Laser Bars 20 W cw ... 100 W qcw
Q62702-P3258 SIEMENS-Q62702-P3258 Datasheet
20Kb / 2P
   Unmounted Laser Bars 20 W cw ... 100 W qcw
Q62702-P3259 SIEMENS-Q62702-P3259 Datasheet
20Kb / 2P
   Unmounted Laser Bars 20 W cw ... 100 W qcw
More results

Similar Description - Q62702-P32

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH302 SIEMENS-SFH302 Datasheet
207Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3401 SIEMENS-SFH3401 Datasheet
46Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300 SIEMENS-SFH300 Datasheet
232Kb / 5P
   .NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX81 SIEMENS-BPX81 Datasheet
210Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
LPT80A SIEMENS-LPT80A Datasheet
36Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX43 SIEMENS-BPX43 Datasheet
313Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com