Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV99-V Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAV99-V
Description  Small Signal Switching Diode, Dual
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV99-V Datasheet(HTML) 1 Page - Vishay Siliconix

  BAV99-V Datasheet HTML 1Page - Vishay Siliconix BAV99-V Datasheet HTML 2Page - Vishay Siliconix BAV99-V Datasheet HTML 3Page - Vishay Siliconix BAV99-V Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV99-V
Document Number 85718
Rev. 1.8, 12-Aug-10
Vishay Semiconductors
www.vishay.com
1
18109
12
3
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Small Signal Switching Diode, Dual
Features
• Fast switching speed
• High conductance
• Surface mount package ideally suited for
automatic insertion
• Connected in series
• AEC-Q101 qualified
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
Mechanical Data
Case: SOT-23
Weight: approx. 8.8 mg
Packaging Codes/Options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Ordering code
Marking
Remarks
BAV99-V
BAV99-V-GS18 or BAV99-V-GS08
JE
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Non repetitive peak reverse
voltage
VRM
100
V
Repetitive peak reverse voltage
= Working peak reverse voltage
= DC Blocking voltage
VRRM = VRWM = VR
70
V
Peak forward surge current
tp = 1s
IFSM
1A
tp = 1 µs
IFSM
4.5
A
Average forward current
Half wave rectification with
resistive load and f
≥ 50 MHz, on
ceramic substrate
10 mm x 8 mm x 0.7 mm
IFAV
150
mA
Forward current
On ceramic substrate
10 mm x 8 mm x 0.7 mm
IF
250
mA
Power dissipation
On ceramic substrate
10 mm x 8 mm x 0.7 mm
Ptot
300
mW


Similar Part No. - BAV99-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV99-V VISHAY-BAV99-V Datasheet
180Kb / 5P
   Small Signal Switching Diode, Dual
Rev. 1.7, 09-Mar-06
BAV99-V-GS08 VISHAY-BAV99-V-GS08 Datasheet
180Kb / 5P
   Small Signal Switching Diode, Dual
Rev. 1.7, 09-Mar-06
BAV99-V-GS18 VISHAY-BAV99-V-GS18 Datasheet
180Kb / 5P
   Small Signal Switching Diode, Dual
Rev. 1.7, 09-Mar-06
More results

Similar Description - BAV99-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV23C-G VISHAY-BAV23C-G Datasheet
100Kb / 5P
   Small Signal Switching Diode, Dual
Rev. 1.3, 17-May-13
BAV70-G VISHAY-BAV70-G Datasheet
91Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.0, 16-May-13
MMBD7000 VISHAY-MMBD7000 Datasheet
77Kb / 3P
   Small Signal Switching Diode, Dual
Rev. 1.5, 15-May-13
BAW56-GS08 VISHAY-BAW56-GS08 Datasheet
462Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.6, 09-Jul-04
BAV70-V VISHAY-BAV70-V_12 Datasheet
99Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.8, 12-Aug-10
BAV99-V VISHAY-BAV99-V Datasheet
180Kb / 5P
   Small Signal Switching Diode, Dual
Rev. 1.7, 09-Mar-06
MMBD7000-G VISHAY-MMBD7000-G_V01 Datasheet
91Kb / 3P
   Small Signal Switching Diode, Dual
01-Jan-2022
BAV23C-G VISHAY-BAV23C-G_V01 Datasheet
110Kb / 5P
   Small Signal Switching Diode, Dual
01-Jan-2022
BAV23CG VISHAY-BAV23CG Datasheet
110Kb / 5P
   Small Signal Switching Diode, Dual
Rev. 1.5, 13-Feb-18
BAW56-G VISHAY-BAW56-G Datasheet
90Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.1, 25-Jun-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com