Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV203 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAV203
Description  Small Signal Switching Diodes, High Voltage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV203 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAV203 Datasheet HTML 1Page - Vishay Siliconix BAV203 Datasheet HTML 2Page - Vishay Siliconix BAV203 Datasheet HTML 3Page - Vishay Siliconix BAV203 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV200, BAV201, BAV202, BAV203
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 31-Jul-12
1
Document Number: 85544
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Switching Diodes, High Voltage
MECHANICAL DATA
Case: QuadroMELF SOD-80
Weight: approx. 34 mg
Cathode band color: black
Packaging codes/options:
GS18/10K per 13" reel (8 mm tape), 10K/box
GS08/2.5K per 7" reel (8 mm tape), 12.5K/box
FEATURES
• Silicon epitaxial planar diodes
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• General purposes
PARTS TABLE
PART
TYPE
DIFFERENTIATION
ORDERING CODE
TYPE
MARKING
INTERNAL
CONSTRUCTION
REMARKS
BAV200
VRRM = 60 V
BAV200-GS18 or BAV200-GS08
-
Single
Tape and reel
BAV201
VRRM = 120 V
BAV201-GS18 or BAV201-GS08
-
Single
Tape and reel
BAV202
VRRM = 200 V
BAV202-GS18 or BAV202-GS08
-
Single
Tape and reel
BAV203
VRRM = 250 V
BAV203-GS18 or BAV203-GS08
-
Single
Tape and reel
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
BAV200
VRRM
60
V
BAV201
VRRM
120
V
BAV202
VRRM
200
V
BAV203
VRRM
250
V
Reverse voltage
BAV200
VR
50
V
BAV201
VR
100
V
BAV202
VR
150
V
BAV203
VR
200
V
Forward continuous current
IF
250
mA
Peak forward surge current
tp = 1 s, Tj = 25 °C
IFSM
1A
Repetitive peak forward current
f = 50 Hz
IFRM
625
mA
Power dissipation
Ptot
500
mW
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air
On PC board
50 mm x 50 mm x 1.6 mm
RthJA
500
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
- 65 to + 175
°C


Similar Part No. - BAV203

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV203 VISHAY-BAV203 Datasheet
55Kb / 4P
   Silicon Epitaxial Planar Diodes
Rev. 3, 01-Apr-99
logo
Transys Electronics
BAV203 TRSYS-BAV203 Datasheet
138Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Pan Jit International I...
BAV203 PANJIT-BAV203 Datasheet
60Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
logo
GOOD-ARK Electronics
BAV203 GOOD-ARK-BAV203 Datasheet
106Kb / 2P
   Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BAV203 SEMTECH_ELEC-BAV203 Datasheet
166Kb / 2P
   SILICON EPITAXIAL PLANAR DIODES
More results

Similar Description - BAV203

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV19WS VISHAY-BAV19WS_12 Datasheet
84Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.5, 02-Aug-12
BAV19W-V VISHAY-BAV19W-V Datasheet
101Kb / 6P
   Small Signal Switching Diodes, High Voltage
Rev. 1.2, 22-Jul-05
BAV19WS VISHAY-BAV19WS_17 Datasheet
87Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 2.2, 12-Jul-17
BAS19G VISHAY-BAS19G Datasheet
95Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.3, 13-Feb-18
BAV19WG VISHAY-BAV19WG Datasheet
111Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.4, 22-Feb-18
BAV19W VISHAY-BAV19W Datasheet
99Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.5, 13-May-13
BAV19W-G VISHAY-BAV19W-G Datasheet
100Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.3, 13-May-13
BAV17 VISHAY-BAV17_12 Datasheet
106Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.8, 02-Aug-12
BAV19W-V-G VISHAY-BAV19W-V-G_12 Datasheet
71Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.1, 26-Nov-10
BAV301 VISHAY-BAV301 Datasheet
135Kb / 6P
   Small Signal Switching Diodes, High Voltage
Rev. 1.9, 07-Mar-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com