Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCL4148 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MCL4148
Description  Small Signal Fast Switching Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCL4148 Datasheet(HTML) 3 Page - Vishay Siliconix

  MCL4148 Datasheet HTML 1Page - Vishay Siliconix MCL4148 Datasheet HTML 2Page - Vishay Siliconix MCL4148 Datasheet HTML 3Page - Vishay Siliconix MCL4148 Datasheet HTML 4Page - Vishay Siliconix MCL4148 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MCL4148, MCL4448
Document Number 85566
Rev. 2.0, 20-Aug-10
Vishay Semiconductors
www.vishay.com
3
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Figure 3. Reverse Current vs. Reverse Voltage
Figure 4. Diode Capacitance vs. Reverse Voltage
Figure 5. Board for RthJA definition (in mm)
1
10
100
1000
V
R- Reverse Voltage (V)
10
1
100
94 9098
T
j = 25 °C
Scattering Limit
0.1
1
10
0
0.5
1.0
1.5
2.0
3.0
100
94 9099
2.5
V
R - Reverse Voltage (V)
f = 1 MHz
T
j = 25 °C
2.5
0.71
1.3
1.27
24
0.152
0.355
95 10329


Similar Part No. - MCL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCL4148 VISHAY-MCL4148 Datasheet
59Kb / 5P
   Silicon Epitaxial Planar Diodes
Rev. 3, 01-Apr-99
logo
Rectron Semiconductor
MCL4148 RECTRON-MCL4148 Datasheet
65Kb / 1P
   Micro MELF SWITCHING Diode
logo
CHENG-YI ELECTRONIC CO....
MCL4148 CHENG-YI-MCL4148 Datasheet
85Kb / 4P
   SURFACE MOUNT SMALL SIGNAL DIODE
logo
Formosa MS
MCL4148 FORMOSA-MCL4148 Datasheet
313Kb / 3P
   High-speed switching diode
logo
WILLAS ELECTRONIC CORP
MCL4148 WILLAS-MCL4148 Datasheet
305Kb / 4P
   Micro Melf Switchind diode
More results

Similar Description - MCL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
   Small Signal Fast Switching Diodes
Rev. 1.8, 24-Mar-06
LL4148-M VISHAY-LL4148-M Datasheet
61Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.1, 01-Sep-10
1N4150 VISHAY-1N4150_07 Datasheet
113Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.7, 16-Feb-07
MCL4148 VISHAY-MCL4148_06 Datasheet
134Kb / 6P
   Small Signal Fast Switching Diodes
Rev. 1.9, 07-Mar-06
1N4148 VISHAY-1N4148_12 Datasheet
109Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.3, 29-Oct-10
LL4148 VISHAY-LL4148_12 Datasheet
61Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.9, 01-Sep-10
1N4448 VISHAY-1N4448_15 Datasheet
83Kb / 5P
   Small Signal Fast Switching Diodes
Rev. 1.1, 06-May-13
logo
First Silicon Co., Ltd
1N4148WT FS-1N4148WT Datasheet
505Kb / 3P
   Small-Signal Fast Switching Diodes
logo
Shenzhen Luguang Electr...
BAS16W LUGUANG-BAS16W_V01 Datasheet
1Mb / 3P
   Small-Signal Fast Switching Diodes
logo
Vishay Siliconix
1N4151 VISHAY-1N4151_V01 Datasheet
80Kb / 4P
   Small Signal Fast Switching Diodes
01-Jan-2022
1N4448 VISHAY-1N4448_V01 Datasheet
80Kb / 4P
   Small Signal Fast Switching Diodes
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com