Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD400C04C Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SD400C04C
Description  Standard Recovery Diodes (Hockey PUK Version), 800 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD400C04C Datasheet(HTML) 6 Page - Vishay Siliconix

  SD400C04C_12 Datasheet HTML 1Page - Vishay Siliconix SD400C04C_12 Datasheet HTML 2Page - Vishay Siliconix SD400C04C_12 Datasheet HTML 3Page - Vishay Siliconix SD400C04C_12 Datasheet HTML 4Page - Vishay Siliconix SD400C04C_12 Datasheet HTML 5Page - Vishay Siliconix SD400C04C_12 Datasheet HTML 6Page - Vishay Siliconix SD400C04C_12 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 95248
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 06-Nov-07
1
DO-200AA
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
0.3 (0.01) MIN.
both ends
38 (1.50) DIA. MAX.
3.5 (0.14) ± 0.1 (0.004) DIA. NOM. x
1.8 (0.07) deep MIN. both ends
19 (0.75) DIA. MAX.
2 places
Quote between upper and lower pole pieces has to be considered after
application of mounting force (see Thermal and Mechanical Specifications)


Similar Part No. - SD400C04C_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD400C04C VISHAY-SD400C04C Datasheet
132Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 800 A
Revision: 05-Mar-08
More results

Similar Description - SD400C04C_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD400C04C VISHAY-SD400C04C Datasheet
132Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 800 A
Revision: 05-Mar-08
VS-SD400CC VISHAY-VS-SD400CC_V01 Datasheet
187Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 800 A
01-Jan-2022
VS-SD400CC VISHAY-VS-SD400CC Datasheet
203Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 800 A
Revision: 15-Apr-14
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com