Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD403C12S15C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SD403C12S15C
Description  Fast Recovery Diodes (Hockey PUK Version), 430 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD403C12S15C Datasheet(HTML) 3 Page - Vishay Siliconix

  SD403C12S15C Datasheet HTML 1Page - Vishay Siliconix SD403C12S15C Datasheet HTML 2Page - Vishay Siliconix SD403C12S15C Datasheet HTML 3Page - Vishay Siliconix SD403C12S15C Datasheet HTML 4Page - Vishay Siliconix SD403C12S15C Datasheet HTML 5Page - Vishay Siliconix SD403C12S15C Datasheet HTML 6Page - Vishay Siliconix SD403C12S15C Datasheet HTML 7Page - Vishay Siliconix SD403C12S15C Datasheet HTML 8Page - Vishay Siliconix SD403C12S15C Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 93175
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 04-Aug-08
3
SD403C..C Series
Fast Recovery Diodes
(Hockey PUK Version), 430 A
Vishay High Power Products
Note
• The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum operating temperature range
TJ
- 40 to 125
°C
Maximum storage temperature range
TStg
- 40 to 150
Maximum thermal resistance,
junction to heatsink
RthJ-hs
DC operation single side cooled
0.16
K/W
DC operation double side cooled
0.08
Mounting force, ± 10 %
4900 (500)
N (kg)
Approximate weight
70
g
Case style
See dimensions - link at the end of
datasheet
DO-200AA
ΔR
thJ-hs CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
180°
0.010
0.011
0.008
0.008
TJ = TJ maximum
K/W
120°
0.012
0.013
0.013
0.013
90°
0.016
0.016
0.018
0.018
60°
0.024
0.024
0.025
0.025
30°
0.042
0.042
0.042
0.042


Similar Part No. - SD403C12S15C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD403C12S15C IRF-SD403C12S15C Datasheet
163Kb / 7P
   FAST RECOVERY DIODES
logo
Vishay Siliconix
SD403C12S15C VISHAY-SD403C12S15C Datasheet
218Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
Revision: 04-Aug-08
More results

Similar Description - SD403C12S15C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD403CC VISHAY-VS-SD403CC Datasheet
276Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
Revision: 15-Apr-14
SD403C04S10C VISHAY-SD403C04S10C Datasheet
218Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
Revision: 04-Aug-08
VS-SD403CC VISHAY-VS-SD403CC_V01 Datasheet
261Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com