Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD700C30L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SD700C30L
Description  Standard Recovery Diodes (Hockey PUK Version), 700 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD700C30L Datasheet(HTML) 2 Page - Vishay Siliconix

  SD700C30L Datasheet HTML 1Page - Vishay Siliconix SD700C30L Datasheet HTML 2Page - Vishay Siliconix SD700C30L Datasheet HTML 3Page - Vishay Siliconix SD700C30L Datasheet HTML 4Page - Vishay Siliconix SD700C30L Datasheet HTML 5Page - Vishay Siliconix SD700C30L Datasheet HTML 6Page - Vishay Siliconix SD700C30L Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93552
2
Revision: 14-May-08
SD700C..L Series
Vishay High Power Products Standard Recovery Diodes
(Hockey PUK Version), 700 A
Note
• The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at heatsink temperature
IF(AV)
180° conduction, half sine wave
Double side (single side) cooled
700 (345)
A
55 (85)
°C
Maximum RMS forward current
IF(RMS)
25 °C heatsink temperature double side cooled
1310
A
Maximum peak, one-cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
7500
t = 8.3 ms
7850
t = 10 ms
100 % VRRM
reapplied
6310
t = 8.3 ms
6600
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
281
kA2s
t = 8.3 ms
257
t = 10 ms
100 % VRRM
reapplied
199
t = 8.3 ms
182
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
2810
kA2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.88
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
0.99
Low level value of forward
slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.78
m
Ω
High level value of forward
slope resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
0.73
Maximum forward voltage drop
VFM
Ipk = 1000 A, TJ = TJ maximum, tp = 10 ms sinusoidal wave
1.66
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating
temperature range
TJ
- 40 to 150
°C
Maximum storage temperature range
TStg
- 55 to 200
Maximum thermal resistance,
junction to heatsink
RthJ-hs
DC operation single side cooled
0.011
K/W
DC operation double side cooled
0.05
Mounting force, ± 10 %
9800
(1000)
N
(kg)
Approximate weight
250
g
Case style
See dimensions - link at the end of datasheet
DO-200AB (B-PUK)
ΔR
thJ-hs CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
180°
0.011
0.011
0.008
0.008
TJ = TJ maximum
K/W
120°
0.014
0.015
0.014
0.014
90°
0.018
0.018
0.019
0.019
60°
0.026
0.026
0.027
0.028
30°
0.045
0.046
0.046
0.046


Similar Part No. - SD700C30L

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
SD700C30L TEL-SD700C30L Datasheet
161Kb / 1P
   STANDARD RECOVERY DIODE
logo
Vishay Siliconix
SD700C30L VISHAY-SD700C30L Datasheet
124Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 14-May-08
More results

Similar Description - SD700C30L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD700CL VISHAY-VS-SD700CL Datasheet
156Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 18-Mar-15
SD700C30L VISHAY-SD700C30L Datasheet
124Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 14-May-08
VS-SD700CL VISHAY-VS-SD700CL_V01 Datasheet
186Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 700 A
01-Jan-2022
SD703C12S20L VISHAY-SD703C12S20L_12 Datasheet
541Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 700/790 A
Revision: 14-May-08
SD703C12S20L VISHAY-SD703C12S20L Datasheet
526Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 700/790 A
Revision: 14-May-08
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com