Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD703C12L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SD703C12L
Description  Fast Recovery Diodes (Hockey PUK Version), 700/790 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD703C12L Datasheet(HTML) 1 Page - Vishay Siliconix

  SD703C12L Datasheet HTML 1Page - Vishay Siliconix SD703C12L Datasheet HTML 2Page - Vishay Siliconix SD703C12L Datasheet HTML 3Page - Vishay Siliconix SD703C12L Datasheet HTML 4Page - Vishay Siliconix SD703C12L Datasheet HTML 5Page - Vishay Siliconix SD703C12L Datasheet HTML 6Page - Vishay Siliconix SD703C12L Datasheet HTML 7Page - Vishay Siliconix SD703C12L Datasheet HTML 8Page - Vishay Siliconix SD703C12L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Document Number: 93179
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
1
Fast Recovery Diodes
(Hockey PUK Version), 700/790 A
SD703C..L Series
Vishay High Power Products
FEATURES
• High power FAST recovery diode series
• 2.0 to 3.0 µs recovery time
• High voltage ratings up to 2500 V
• High current capability
• Optimized turn-on and turn-off characteristics
• Low forward recovery
• Fast and soft reverse recovery
• Press PUK encapsulation
• Case style conform to JEDEC DO-200AB (B-PUK)
• Maximum junction temperature 150 °C
• Lead (Pb)-free
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
• Snubber diode for GTO
• High voltage freewheeling diode
• Fast recovery rectifier applications
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IF(AV)
700/790 A
DO-200AB (B-PUK)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
SD703C..L
UNITS
S20
S30
IF(AV)
700
790
A
Ths
55
55
°C
IF(RMS)
1320
1470
A
IFSM
50 Hz
9300
9600
60 Hz
9730
10 050
VRRM
Range
1200 to 2500
V
trr
2.0
3.0
µs
TJ
25
°C
TJ
- 40 to 150
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
SD703C..L
12
1200
1300
50
16
1600
1700
20
2000
2100
25
2500
2600


Similar Part No. - SD703C12L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD703C12S20L VISHAY-SD703C12S20L Datasheet
526Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 700/790 A
Revision: 14-May-08
SD703C12S30L VISHAY-SD703C12S30L Datasheet
526Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 700/790 A
Revision: 14-May-08
More results

Similar Description - SD703C12L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD703CL VISHAY-VS-SD703CL Datasheet
553Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 700/790 A
Revision: 04-Apr-14
SD703C12S20L VISHAY-SD703C12S20L Datasheet
526Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 700/790 A
Revision: 14-May-08
VS-SD703CL VISHAY-VS-SD703CL_V01 Datasheet
533Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 700 A, 790 A
01-Jan-2022
VS-SD700CL VISHAY-VS-SD700CL Datasheet
156Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 18-Mar-15
SD700C30L VISHAY-SD700C30L_12 Datasheet
138Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 14-May-08
SD700C30L VISHAY-SD700C30L Datasheet
124Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 14-May-08
VS-SD700CL VISHAY-VS-SD700CL_V01 Datasheet
186Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 700 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com