Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD703C16L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SD703C16L
Description  Fast Recovery Diodes (Hockey PUK Version), 700/790 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD703C16L Datasheet(HTML) 3 Page - Vishay Siliconix

  SD703C16L Datasheet HTML 1Page - Vishay Siliconix SD703C16L Datasheet HTML 2Page - Vishay Siliconix SD703C16L Datasheet HTML 3Page - Vishay Siliconix SD703C16L Datasheet HTML 4Page - Vishay Siliconix SD703C16L Datasheet HTML 5Page - Vishay Siliconix SD703C16L Datasheet HTML 6Page - Vishay Siliconix SD703C16L Datasheet HTML 7Page - Vishay Siliconix SD703C16L Datasheet HTML 8Page - Vishay Siliconix SD703C16L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 93179
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
3
SD703C..L Series
Fast Recovery Diodes
(Hockey PUK Version),
700/790 A
Vishay High Power Products
Note
• The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
ΔR
thJ-hs CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
180°
0.011
0.011
0.008
0.008
TJ = TJ maximum
K/W
120°
0.013
0.014
0.013
0.013
90°
0.017
0.017
0.018
0.018
60°
0.024
0.025
0.026
0.026
30°
0.043
0.043
0.043
0.044
20
40
60
80
100
120
140
160
0
100
200300
400500
600
30°
60°
90°
120°
180°
Average Forward Current (A)
Conduction Angle
SD703C..S20L Series
(Single Side Cooled)
R
(DC) = 0.092 K/ W
thJ-hs
0
20
40
60
80
100
120
140
160
0
100 200 300 400 500 600 700 800 900
30°
60°
90°
180°
DC
120°
Average Forward Current (A)
Conduction Period
SD703C..S20L Series
(Single Side Cooled)
R
(DC) = 0.092 K/ W
thJ-hs
20
40
60
80
100
120
140
160
0
100
200
300
400
500
600
30°
60°
90°
120°
180°
Average Forward Current (A)
Conduc tion Angle
SD703C..S30L Series
(Single Side Cooled)
R
(DC) = 0.092 K/ W
thJ-hs
0
20
40
60
80
100
120
140
160
0
200
400
600
800
1000
30°
60°
90°
180°
DC
120°
Average Forward Current (A)
Conduc tion Period
SD703C..S30L Series
(Single Side Cooled)
R
(DC) = 0.092 K/ W
thJ-hs


Similar Part No. - SD703C16L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD703C16S20L VISHAY-SD703C16S20L Datasheet
526Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 700/790 A
Revision: 14-May-08
SD703C16S30L VISHAY-SD703C16S30L Datasheet
526Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 700/790 A
Revision: 14-May-08
More results

Similar Description - SD703C16L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD703CL VISHAY-VS-SD703CL Datasheet
553Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 700/790 A
Revision: 04-Apr-14
SD703C12S20L VISHAY-SD703C12S20L Datasheet
526Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 700/790 A
Revision: 14-May-08
VS-SD703CL VISHAY-VS-SD703CL_V01 Datasheet
533Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 700 A, 790 A
01-Jan-2022
VS-SD700CL VISHAY-VS-SD700CL Datasheet
156Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 18-Mar-15
SD700C30L VISHAY-SD700C30L_12 Datasheet
138Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 14-May-08
SD700C30L VISHAY-SD700C30L Datasheet
124Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 14-May-08
VS-SD700CL VISHAY-VS-SD700CL_V01 Datasheet
186Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 700 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com