Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1553C18S20K Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SD1553C18S20K
Description  Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1553C18S20K Datasheet(HTML) 3 Page - Vishay Siliconix

  SD1553C18S20K Datasheet HTML 1Page - Vishay Siliconix SD1553C18S20K Datasheet HTML 2Page - Vishay Siliconix SD1553C18S20K Datasheet HTML 3Page - Vishay Siliconix SD1553C18S20K Datasheet HTML 4Page - Vishay Siliconix SD1553C18S20K Datasheet HTML 5Page - Vishay Siliconix SD1553C18S20K Datasheet HTML 6Page - Vishay Siliconix SD1553C18S20K Datasheet HTML 7Page - Vishay Siliconix SD1553C18S20K Datasheet HTML 8Page - Vishay Siliconix SD1553C18S20K Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 93169
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
3
SD1553C..K Series
Fast Recovery Diodes
(Hockey PUK Version),
1650/1825 A
Vishay High Power Products
Note
• The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
ΔR
thJ-hs CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
180°
0.0018
0.0019
0.0012
0.0012
TJ = TJ maximum
K/W
120°
0.0021
0.0021
0.0021
0.0021
90°
0.0027
0.0027
0.0029
0.0029
60°
0.0039
0.0039
0.0041
0.0041
30°
0.0067
0.0067
0.0068
0.0068
40
60
80
10 0
12 0
14 0
16 0
0
2 00
400
6 00
800
1 00 0
1 20 0
30°
60°
90°
12 0°
18 0°
A v e ra g e F o rw a r d C u rre n t ( A )
Co nd uc tion A ng le
SD 1 5 5 3 C ..S 2 0 K S e rie s
( Sin g le Sid e C o oled )
R
( D C ) = 0 .0 4 K / W
th J- hs
0
20
40
60
80
100
120
140
160
0
400
800
1200
1 60 0
2 00 0
30 °
60°
90°
18 0°
DC
120°
Aver age For ward Curr en t (A)
Co nd uc tio n Pe rio d
SD155 3C..S20K Series
(Sin gle Side Cooled)
R
(DC) = 0 .0 4 K/W
th J- hs
40
60
80
100
120
140
160
0
20 0
40 0
60 0
80 0
1 00 0
1 20 0
30°
60°
90 °
12 0°
18 0°
Average For ward Cur ren t (A)
Co nd uctio n A ng le
SD 1553 C..S30 K Series
(Single Side Cooled)
R
(D C) = 0.04 K/W
thJ -hs
20
40
60
80
10 0
12 0
14 0
16 0
0
4 00
800
1 200
1 600
2 00 0
30°
60°
90 °
18 0°
DC
12 0°
Average Forward Current (A)
Co nd uc tio n P e rio d
SD15 53C..S30K Series
(Single Sid e Cooled )
R
(DC) = 0.0 4 K/W
th J -hs


Similar Part No. - SD1553C18S20K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD1553C18S20K VISHAY-SD1553C18S20K Datasheet
276Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 14-May-08
More results

Similar Description - SD1553C18S20K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD1553C18S20K VISHAY-SD1553C18S20K Datasheet
276Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 14-May-08
VS-SD1553CK VISHAY-VS-SD1553CK Datasheet
329Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 15-Apr-14
VS-SD1553CK VISHAY-VS-SD1553CK_V01 Datasheet
311Kb / 7P
   Fast Recovery Diodes (Hockey PUK Version), 1650 A, 1825 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com