Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1700C24K Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SD1700C24K
Description  Standard Recovery Diodes (Hockey PUK Version), 2100 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1700C24K Datasheet(HTML) 4 Page - Vishay Siliconix

  SD1700C24K_12 Datasheet HTML 1Page - Vishay Siliconix SD1700C24K_12 Datasheet HTML 2Page - Vishay Siliconix SD1700C24K_12 Datasheet HTML 3Page - Vishay Siliconix SD1700C24K_12 Datasheet HTML 4Page - Vishay Siliconix SD1700C24K_12 Datasheet HTML 5Page - Vishay Siliconix SD1700C24K_12 Datasheet HTML 6Page - Vishay Siliconix SD1700C24K_12 Datasheet HTML 7Page - Vishay Siliconix SD1700C24K_12 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93539
4
Revision: 14-May-08
SD1700C..K Series
Vishay High Power Products Standard Recovery Diodes
(Hockey PUK Version),
2100 A
Fig. 7 - Current Ratings Characteristics
Fig. 8 - Current Ratings Characteristics
Fig. 9 - Forward Power Loss Characteristics
Fig. 10 - Forward Power Loss Characteristics
Fig. 11 - Forward Power Loss Characteristics
Fig. 12 - Forward Power Loss Characteristics
30
40
50
60
70
80
90
100
110
120
130
140
150
0
4 0 0
80 0
1 20 0
1 60 0
2 00 0
24 0 0
30 °
60°
90°
120°
180°
Average Forward Current (A)
Co nd uctio n A ng le
(D ouble Sid e Cooled)
R
(DC) = 0 .02 0 K/W
th J- hs
SD 1700C..K Ser ies (4 000V to 4500 V)
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
14 0
15 0
0
5 00
10 0 0 15 0 0 20 0 0 25 0 0 3 0 00 3 5 00
30°
60°
90°
180 °
DC
120 °
A v e rag e Fo rw ar d C u rre n t ( A )
Co nd uct io n Pe rio d
( D ou b le Sid e C o oled )
R
( D C ) = 0 .0 2 0 K/ W
th J -hs
SD 1 7 00C ..K Se ries ( 4 00 0V t o 450 0 V )
0
10 00
20 00
30 00
40 00
50 00
60 00
0
5 0 0
1 0 00
150 0
20 00
25 00
18 0 °
12 0 °
90 °
60 °
30 °
RM S L im it
A v e rag e Fo rw ard C u rre n t ( A )
SD 1 7 0 0 C ..K Se rie s
(2 4 0 0 V t o 3 6 0 0 V )
T = 1 5 0°C
J
Co nd uc tio n Ang le
0
10 0 0
20 0 0
30 0 0
40 0 0
50 0 0
60 0 0
70 0 0
0
1000
2 000
3 000
4000
DC
180°
120°
90°
60°
30°
RMS Limit
Co n d uc tion Perio d
Average For ward Current (A)
SD 1700C..K Series
(2400 V to 3600V )
T = 150°C
J
0
100 0
200 0
300 0
400 0
500 0
600 0
0
5 00
1 0 00
15 0 0
2 0 00
2 5 00
18 0 °
12 0 °
90°
60°
30°
RM S L im it
Co nd uc tio n An gle
A v era g e F o rw a rd C u rre n t ( A )
S D 1700C ..K S e ries
( 4 00 0 V t o 4 5 0 0V )
T = 1 5 0°C
J
0
1000
2000
3000
4000
5000
6000
7000
0
5 00 100 0 1 5 00 20 00 25 00 3 0 00 35 00
DC
18 0 °
12 0 °
90 °
60 °
30 °
RM S L im it
Co nd uc tio n P e rio d
A v e r a g e Fo rw a rd C u rre n t ( A )
SD 1 7 0 0 C ..K Se rie s
( 4 00 0V t o 45 00V )
T = 1 5 0°C
J


Similar Part No. - SD1700C24K_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD1700C24K VISHAY-SD1700C24K Datasheet
159Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
More results

Similar Description - SD1700C24K_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD2000C04L VISHAY-SD2000C04L_12 Datasheet
137Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
VS-SD2000CL VISHAY-VS-SD2000CL Datasheet
150Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 04-Apr-14
SD2000C04L VISHAY-SD2000C04L Datasheet
124Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
SD1700C24K VISHAY-SD1700C24K Datasheet
159Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
VS-SD2000CL VISHAY-VS-SD2000CL_V01 Datasheet
163Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 2100 A
01-Jan-2022
VS-SD1700CK VISHAY-VS-SD1700CK_V01 Datasheet
205Kb / 8P
    Standard Recovery Diodes, (Hockey PUK), 2100 A
01-Jan-2022
VS-SD1700CK VISHAY-VS-SD1700CK Datasheet
222Kb / 8P
   Standard Recovery Diodes (Hockey PUK), 2100 A
Revision: 15-Apr-14
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com