Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C67079-A1050-A16 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # C67079-A1050-A16
Description  SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67079-A1050-A16 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  C67079-A1050-A16 Datasheet HTML 1Page - Siemens Semiconductor Group C67079-A1050-A16 Datasheet HTML 2Page - Siemens Semiconductor Group C67079-A1050-A16 Datasheet HTML 3Page - Siemens Semiconductor Group C67079-A1050-A16 Datasheet HTML 4Page - Siemens Semiconductor Group C67079-A1050-A16 Datasheet HTML 5Page - Siemens Semiconductor Group C67079-A1050-A16 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Semiconductor Group
1
12.96
BRT 21, BRT 22, BRT 23
SITAC® AC Switches
Without Zero Voltage Switch
• AC switch with zero-voltage detector
• Electrically insulated between input and output circuit
• Microcomputer-compatible by very low trigger current
• UL-tested (file no. E 52744), code letter "J"
• Available with the following options:
Option 1: VDE 0884-approved
Option 6: Pins in 10.16 mm spacing
Option 7: Pins for sourface mounting
VDRM
ITRMS
d
v/dtcr
IFT
Opt.
Type
Ordering Code
Marking
BRT 21 H
10 kV/µs
2 mA
C67079-A1020-A6
-
300 mA
400 V
BRT 21 H
BRT 21 H
300 mA
2 mA
400 V
1 + 6
10 kV/µs
C67079-A1050-A16
BRT 21 H
300 mA
2 mA
BRT 22 H
BRT 22 H
600 V
-
10 kV/µs
C67079-A1021-A6
BRT 22 H
10 kV/µs
C67079-A1051-A5
BRT 22 H
2 mA
1
600 V
300 mA
7
600 V
BRT 22 H
2 mA
300 mA
10 kV/µs
C67079-A1051-A11
BRT 22 H
C67079-A1051-A16
10 kV/µs
2 mA
BRT 22 H
BRT 22 H
1 + 6
600 V
300 mA
BRT 22 H
1 + 7
600 V
2 mA
BRT 22 H
C67079-A1051-A17
10 kV/µs
300 mA
BRT 22 M C67079-A1021-A10
10 kV/µs
3 mA
300 mA
600 V
-
BRT 22 M
BRT 22 M
300 mA
3 mA
600 V
1
10 kV/µs
C67079-A1051-A6
BRT 22 M
800 V
300 mA
2 mA
BRT 23 H
-
10 kV/µs
C67079-A1022-A6
BRT 23 H
BRT 23 H
C67079-A1052-A8
BRT 23 H
800 V
300 mA
10 kV/µs
2 mA
6
BRT 23 H
7
300 mA
800 V
10 kV/µs
C67079-A1052-A11
BRT 23 H
2 mA
BRT 23 H
1 + 6
800 V
300 mA
10 kV/µs
2 mA
BRT 23 H
C67079-A1052-A14
BRT 23 M -
800 V
300 mA
3 mA
10 kV/µs
BRT 23 M C67079-A1022-A10
Information
Package
Pin Configuration
1
2
3
4
5
6
50 pcs per tube P-DIP-6
Anode
Kathode not
connected
A1
do not
connect
A2
Cathode
With Zero Voltage Switch


Similar Part No. - C67079-A1050-A16

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67079-A1000-A10 SIEMENS-C67079-A1000-A10 Datasheet
167Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch
C67079-A1000-A6 SIEMENS-C67079-A1000-A6 Datasheet
167Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch
C67079-A1001-A10 SIEMENS-C67079-A1001-A10 Datasheet
167Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch
C67079-A1001-A6 SIEMENS-C67079-A1001-A6 Datasheet
167Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch
C67079-A1002-A10 SIEMENS-C67079-A1002-A10 Datasheet
167Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch
More results

Similar Description - C67079-A1050-A16

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BRT11 SIEMENS-BRT11 Datasheet
167Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch
logo
ON Semiconductor
CA3059 ONSEMI-CA3059_06 Datasheet
181Kb / 6P
   Zero Voltage Switch
July, 2006 ??Rev. 2
CA3059 ONSEMI-CA3059 Datasheet
79Kb / 8P
   Zero Voltage Switch
August, 2001 ??Rev. 1
logo
Motorola, Inc
CA3059 MOTOROLA-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
logo
Zarlink Semiconductor I...
SL441C ZARLINK-SL441C Datasheet
92Kb / 5P
   ZERO VOLTAGE SWITCH
logo
Motorola, Inc
MC3370P MOTOROLA-MC3370P Datasheet
155Kb / 3P
   ZERO VOLTAGE SWITCH
logo
List of Unclassifed Man...
SL443A ETC-SL443A Datasheet
164Kb / 4P
   ZERO VOLTAGE SWITCH
logo
ON Semiconductor
CA3059 ONSEMI-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
August, 2001 ??Rev. 1
logo
Unisonic Technologies
A2804 UTC-A2804_15 Datasheet
245Kb / 4P
   ZERO VOLTAGE SWITCH
A2804 UTC-A2804 Datasheet
39Kb / 4P
   ZERO VOLTAGE SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com