Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL5223 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # DL5223
Description  500 mW Zener Diode 2.4 to 47 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

DL5223 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  DL5223 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd DL5223 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DL5221
THRU
DL5261
500 mW
Zener Diode
2.4 to 47 Volts
Features
Wide Voltage Range Available
Glass Package
High Temp Soldering: 250
°C for 10 Seconds At Terminals
Surface Mount Package
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
500 mWatt DC Power Dissipation
Power Derating: 4.0mW/
°C above 50°C
Forward Voltage @ 200mA: 1.1 Volts
Figure 2 - Derating Curve
Power Dissipation (mW) - Versus - Temperature
°C
Temperature
°C
0
50
100
150
mW
200
400
Typical Capacitance (pf) – versus – Zener voltage (VZ)
Figure 1 - Typical Capacitance
0
100
200
1
10
100
pf
VZ
At zero volts
At –2 Volts VR
A
B
C
Cathode Mark
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
MINIMELF
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.134
.142
3.40
3.60
B
.008
.016
.20
.40
C
.055
.059
1.40
1.50
TIGER ELECTRONIC CO.,LTD


Similar Part No. - DL5223

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL5223 MCC-DL5223 Datasheet
890Kb / 2P
   500 mW Zener Diode 2.4 to 200 Volts
logo
Shanghai Lunsure Electr...
DL5223 CHENYI-DL5223 Datasheet
858Kb / 2P
   500mw zener diode 2.4 to 47 volts
logo
Micro Commercial Compon...
DL5223 MCC-DL5223 Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5223-TP MCC-DL5223-TP Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Dc Components
DL5223B DCCOM-DL5223B Datasheet
220Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
More results

Similar Description - DL5223

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
BZT52C2V4 MCC-BZT52C2V4_10 Datasheet
208Kb / 3P
   500 mW Zener Diode 2.4 to 43 Volts
DL5221 MCC-DL5221_11 Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
1N5221 MCC-1N5221 Datasheet
621Kb / 2P
   500 mW Zener Diode 2.4 to 200 Volts
1N5221B MCC-1N5221B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5221 MCC-DL5221 Datasheet
890Kb / 2P
   500 mW Zener Diode 2.4 to 200 Volts
BZT52C2V4 MCC-BZT52C2V4_13 Datasheet
463Kb / 4P
   500 mW Zener Diode 2.4 to 51 Volts
DL5221B MCC-DL5221B Datasheet
593Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
MCL5221 MCC-MCL5221 Datasheet
120Kb / 3P
   500 mW Zener Diode 2.4 to 75 Volts
DL5232B-TP MCC-DL5232B-TP Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com