Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR601 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # FR601
Description  6.0AMP FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

FR601 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  FR601 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd FR601 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PULSE GENERATOR
( NOTE 2 )
1.8
2.0
100.0
1000
500
10.0
0.6
0.8
1.0
1.2
1.0A
1. RISE TIME = 7n SEC MAX. INPUT IMPEDANCE = 1 MEGOHM. 22
2. RISE TIME = 10n SEC MAX. SOURCE IMPEDANCE = 50 OHM.
SET TIME BASE FOR 15 ns / cm
OSCILLOSCOPE
( NOTE )
( + )
NOTES:
0
25 Vdc
(APPROX)
0.25A
( - )
N.1.
0.5A
( - )
( + )
D.U.T
50Ω
10Ω
trr
N.1.
N.1.
AMBIENT TEMPERATURE / ℃
NUMBER OF CYCLES AT 60HZ
100
FIG. 5 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
6.0
Single Phase Half Wave 60HZ
100
125
150
175
200
10
FIG. 4 -- PEAK FORWARD SURGE CURRENT
200
1.0
2.0
10
50
Resistive or Inductive Load
Tj = 125 ℃
4.0
8.3 ms Single
50
Half Sing -
Wave
2.0
FIG. 3 -- FORWARD CURRENT DERATING CURVE
0
0
25
50
75
100
10
INSTANTANEOUS FORWARD VOLTAGE / VOLTS
REVERSE VOLTAGE / VOLTS
0.1
100
1.4
1.6
1
Pulse Width = 300μS
1 % Duly Cycle
0
1.0
40
100
200
60
20
FR601 THRU FR607
FIG. 1 -- TYPICAL FORWARD CHARACTERISTIC
FIG. 2 -- TYPICAL JUNCTION CAPACITANCE
TIGER ELECTRONIC CO.,LTD


Similar Part No. - FR601

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
FR601 DEC-FR601 Datasheet
667Kb / 2P
   Fast switching for high efficiency
logo
Won-Top Electronics
FR601 WTE-FR601 Datasheet
51Kb / 3P
   6.0A FAST RECOVERY RECTIFIER
logo
Nanjing International G...
FR601 DGNJDZ-FR601 Datasheet
128Kb / 2P
   6.0 AMP FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
FR601 TSC-FR601 Datasheet
261Kb / 2P
   6.0 AMPS. Fast Recovery Rectifiers
logo
Yangzhou yangjie electr...
FR601 YANGJIE-FR601 Datasheet
180Kb / 2P
   Fast Recovery Rectifier
More results

Similar Description - FR601

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
FR601G SECOS-FR601G_15 Datasheet
244Kb / 2P
   6.0Amp Glass Passivated Fast Recovery Rectifiers
SF61R SECOS-SF61R Datasheet
183Kb / 2P
   6.0AMP Super Fast Rectifiers
FR601G SECOS-FR601G Datasheet
244Kb / 2P
   Voltage 50 ~ 1000 V 6.0Amp Glass Passivated Fast Recovery Rectifiers
SM620D SECOS-SM620D_15 Datasheet
272Kb / 2P
   6.0Amp. Schottky Barrier Rectifiers
S6GBJ20-C SECOS-S6GBJ20-C Datasheet
217Kb / 2P
   6.0Amp Glass Passivited Bridge Rectifiers
S6GBJ20 SECOS-S6GBJ20_15 Datasheet
217Kb / 2P
   6.0Amp Glass Passivited Bridge Rectifiers
S6GBU20 SECOS-S6GBU20_15 Datasheet
225Kb / 2P
   6.0Amp Glass Passivited Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
GBU6005 YIXIN-GBU6005 Datasheet
1Mb / 2P
   6.0Amp Glass Passivited Bridge Rectifiers
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com