Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZG04-9V1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BZG04-9V1
Description  Zener Diodes with Surge Current Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZG04-9V1 Datasheet(HTML) 2 Page - Vishay Siliconix

  BZG04-9V1 Datasheet HTML 1Page - Vishay Siliconix BZG04-9V1 Datasheet HTML 2Page - Vishay Siliconix BZG04-9V1 Datasheet HTML 3Page - Vishay Siliconix BZG04-9V1 Datasheet HTML 4Page - Vishay Siliconix BZG04-9V1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BZG04-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 29-Nov-11
2
Document Number: 85594
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) 10/1000 μs pulse
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART
NUMBER
ZENER
VOLTAGE
RANGE
TEST
CURRENT
STAND OFF
VOLTAGE
BREAKDOWN
VOLTAGE
CLAMPING
VOLTAGE (1)
TEMPERATURE
COEFFICIENT
JUNCTION
CAPACITANCE
VZ at IZT1
IZT1
VR at IR
V(BR) at IZT1
VCL(R)
at IPP
IPP
TKVZ at IZT1
Cj at
VR = 0 V,
f = 1 MHZ
V
mA
V
μA
V
V
A
%/K
pF
NOM.
MAX.
MIN.
MIN.
TYP.
MAX.
TYP.
BZG04-8V2
10
50
8.2
20
9.4
14.8
20.3
0.05
0.09
1200
BZG04-9V1
11
50
9.1
5
10.4
15.7
19.1
0.05
0.1
1100
BZG04-10
12
50
10
5
11.4
17
17.7
0.05
0.1
1000
BZG04-11
13
50
11
5
12.4
18.9
15.9
0.05
0.1
850
BZG04-12
15
50
12
5
13.8
20.9
14.4
0.05
0.1
815
BZG04-13
16
25
13
5
15.3
22.9
13.1
0.06
0.11
785
BZG04-15
18
25
15
5
16.8
25.6
11.7
0.06
0.11
710
BZG04-16
20
25
16
5
18.8
28.4
10.6
0.06
0.11
655
BZG04-18
22
25
18
5
20.8
31
9.7
0.06
0.11
610
BZG04-20
24
25
20
5
22.8
33.8
8.9
0.06
0.11
570
BZG04-22
27
25
22
5
25.1
38.1
7.9
0.06
0.11
545
BZG04-24
30
25
24
5
28
42.2
7.1
0.06
0.11
505
BZG04-27
33
25
27
5
31
46.2
6.5
0.06
0.11
475
BZG04-30
36
10
30
5
34
50.1
6
0.06
0.11
450
BZG04-33
39
10
33
5
37
54.1
5.5
0.06
0.11
420
BZG04-36
43
10
36
5
40
60.7
4.9
0.07
0.12
390
BZG04-39
47
10
39
5
44
65.5
4.6
0.07
0.12
370
BZG04-43
51
10
43
5
48
70.8
4.2
0.07
0.12
350
BZG04-47
56
10
47
5
52
78.6
3.8
0.07
0.12
330
BZG04-51
62
10
51
5
58
86.5
3.5
0.08
0.13
310
BZG04-56
68
10
56
5
64
94.4
3.2
0.08
0.13
291
BZG04-62
75
10
62
5
70
103.5
2.9
0.08
0.13
280
BZG04-68
82
10
68
5
77
114
2.6
0.08
0.13
275
BZG04-75
91
5
75
5
85
126
2.4
0.09
0.13
260
BZG04-82
100
5
82
5
94
139
2.2
0.09
0.13
250
BZG04-91
110
5
91
5
104
152
2
0.09
0.13
243
BZG04-100
120
5
100
5
114
167
1.8
0.09
0.13
170
BZG04-110
130
5
110
5
124
185
1.6
0.09
0.13
153
BZG04-120
150
5
120
5
138
204
1.5
0.09
0.13
150
BZG04-130
160
5
130
5
153
224
1.3
0.09
0.13
145
BZG04-150
180
5
150
5
168
249
1.2
0.09
0.13
140
BZG04-160
200
5
160
5
188
276
1.1
0.09
0.13
135
BZG04-180
220
2
180
5
208
305
1
0.09
0.13
131
BZG04-200
240
2
200
5
228
336
0.9
0.09
0.13
122
BZG04-220
270
2
220
5
251
380
0.8
0.09
0.13
120


Similar Part No. - BZG04-9V1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04-9V1 PHILIPS-BZG04-9V1 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Vishay Siliconix
BZG04-9V1 VISHAY-BZG04-9V1 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
logo
Shenzhen Luguang Electr...
BZG04-9V1 LUGUANG-BZG04-9V1 Datasheet
248Kb / 3P
   Transient Voltage Suppressor
BZG04-9V1 LUGUANG-BZG04-9V1 Datasheet
248Kb / 3P
   Transient Voltage Suppressor
logo
Vishay Siliconix
BZG04-9V1 VISHAY-BZG04-9V1 Datasheet
87Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 2.5, 23-Apr-14
More results

Similar Description - BZG04-9V1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 13-Aug-14
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.1, 29-Nov-11
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
logo
Vaishali Semiconductor
BZD27C3V6P VAISH-BZD27C3V6P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZD27B VISHAY-BZD27B Datasheet
129Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com