Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD27C30P-M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BZD27C30P-M
Description  Zener Diodes with Surge Current Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZD27C30P-M Datasheet(HTML) 1 Page - Vishay Siliconix

  BZD27C30P-M Datasheet HTML 1Page - Vishay Siliconix BZD27C30P-M Datasheet HTML 2Page - Vishay Siliconix BZD27C30P-M Datasheet HTML 3Page - Vishay Siliconix BZD27C30P-M Datasheet HTML 4Page - Vishay Siliconix BZD27C30P-M Datasheet HTML 5Page - Vishay Siliconix BZD27C30P-M Datasheet HTML 6Page - Vishay Siliconix BZD27C30P-M Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BZD27C3V6P-M to BZD27C200P-M
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 29-Nov-11
1
Document Number: 83307
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Zener Diodes with Surge Current Specification
FEATURES
• Sillicon planar Zener diodes
• Low profile surface-mount package
• Zener and surge current specification
• Low leakage current
• Excellent stability
• High temperature soldering: 260 °C/10 s at
terminals
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
Notes
(1) Mounted on epoxy-glass PCB with 3 mm x 3 mm Cu pads (
 40 μm thick)
(2) TJ = 25 °C prior to surge
PRIMARY CHARACTERISTICS
PARAMETER
VALUE
UNIT
VZ range nom.
3.6 to 200
V
Test current IZT
5 to 100
mA
VZ specification
Pulse current
Int. construction
Single
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
MINIMUM ORDER QUANTITY
BZD27C3V6P-M to
BZD27C200P-M
BZD27C3V6P-M to
BZD27C200P-M-series-08
3000 per 7" reel (8mm tape)
15 000/box
BZD27C3V6P-M to
BZD27C200P-M
BZD27C3V6P-M to
BZD27C200P-M-series-18
10 000 per 13" reel (8 mm tape)
10 000/box
PACKAGE
PACKAGE NAME
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE SENSITIVITY
LEVEL
SOLDERING
CONDITIONS
DO-219AB (SMF)
15 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Power dissipation
TL = 80 °C
Ptot
2300
mW
TA = 25 °C (1)
Ptot
800
mW
Non repetitive peak surge power
dissipation (2)
100 μs square pulse
PZSM
300
W
10/1000 μs waveform
(BZD27-C7V5P-M to BZD27-C100P-M)
PRSM
150
W
10/1000 μs waveform
(BZD27-C110P-M to BZD27-C200P-M)
PRSM
100
W
Junction to lead
RthJL
30
K/W
Junction to ambient air
Mounted on epoxy-glass PCB with 3 mm x
3 mm Cu pads (
 40 μm thick)
RthJA
180
K/W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 55 to + 150
°C


Similar Part No. - BZD27C30P-M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZD27C30P-M VISHAY-BZD27C30P-M Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 1.6.,18-Mar-15
BZD27C30P-M VISHAY-BZD27C30P-M Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.3, 26-Feb-2021
More results

Similar Description - BZD27C30P-M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 13-Aug-14
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.1, 29-Nov-11
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
logo
Vaishali Semiconductor
BZD27C3V6P VAISH-BZD27C3V6P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZD27B VISHAY-BZD27B Datasheet
129Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com