Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSM150GAL120DN2E3166 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BSM150GAL120DN2E3166
Description  IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM150GAL120DN2E3166 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BSM150GAL120DN2E3166 Datasheet HTML 1Page - Siemens Semiconductor Group BSM150GAL120DN2E3166 Datasheet HTML 2Page - Siemens Semiconductor Group BSM150GAL120DN2E3166 Datasheet HTML 3Page - Siemens Semiconductor Group BSM150GAL120DN2E3166 Datasheet HTML 4Page - Siemens Semiconductor Group BSM150GAL120DN2E3166 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Semiconductor Group
4
Nov-08-1996
BSM150GAL120DN2E3166
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Chopper Diode
Chopper diode forward voltage
IFC = 300 A, VGE = 0 V, Tj = 25 °C
IFC = 300 A, VGE = 0 V, Tj = 125 °C
VFC
-
-
1.8
2.3
-
2.8
V
Reverse recovery time, chopper
IFC = 300 A, VR = -600 V, VGE = 0 V
diF/dt = -2500 A/µs, Tj = 125 °C
trrC
-
0.55
-
µs
Reverse recovery charge, chopper
IFC = 300 A, VR = -600 V, VGE = 0 V
diF/dt = -2500 A/µs
Tj = 25 °C
Tj = 125 °C
QrrC
-
-
40
14
-
-
µC


Similar Part No. - BSM150GAL120DN2E3166

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM150GAL120DN2 SIEMENS-BSM150GAL120DN2 Datasheet
81Kb / 5P
   IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes)
More results

Similar Description - BSM150GAL120DN2E3166

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM150GAL120DN2 SIEMENS-BSM150GAL120DN2 Datasheet
81Kb / 5P
   IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes)
BSM75GAL120DN2 SIEMENS-BSM75GAL120DN2 Datasheet
62Kb / 5P
   IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes)
BSM100GAL120DN2 SIEMENS-BSM100GAL120DN2 Datasheet
81Kb / 5P
   IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes)
BSM300GA120DN2E3166 SIEMENS-BSM300GA120DN2E3166 Datasheet
126Kb / 9P
   IGBT Power Module (Single switch Including fast free-wheeling diodes Enlarged diode area)
BSM25GAL120DN2 SIEMENS-BSM25GAL120DN2 Datasheet
62Kb / 5P
   IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes Package with insulated metal base plate)
BSM50GAL120DN2 SIEMENS-BSM50GAL120DN2 Datasheet
62Kb / 5P
   IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes Package with insulated metal base plate)
BSM400GA120DL SIEMENS-BSM400GA120DL Datasheet
115Kb / 9P
   IGBT Power Module (Low Loss IGBT Low inductance single switch Including fast free- wheeling diodes)
BSM300GA170DN2E3166 SIEMENS-BSM300GA170DN2E3166 Datasheet
124Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Enlarged diode area)
BSM150GB120DN2E3166 SIEMENS-BSM150GB120DN2E3166 Datasheet
130Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Enlarged diode area)
BSM35GB120DN2 SIEMENS-BSM35GB120DN2 Datasheet
110Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Doubled diode area)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com