Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLL4739 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GLL4739
Description  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GLL4739 Datasheet(HTML) 1 Page - Vishay Siliconix

  GLL4739 Datasheet HTML 1Page - Vishay Siliconix GLL4739 Datasheet HTML 2Page - Vishay Siliconix GLL4739 Datasheet HTML 3Page - Vishay Siliconix GLL4739 Datasheet HTML 4Page - Vishay Siliconix GLL4739 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GLL4735 to GLL4763A
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 06-Dec-11
1
Document Number: 85781
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Zener Diodes
FEATURES
• Plastic package has underwriters laboratory
flammability classification UL 94 V-0
• For surface mounted applications
• Glass passivated chip junction
• Low Zener impedance
• Low regulation factor
• High temperature soldering guaranteed:
250 °C/10 s at terminals
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
PRIMARY CHARACTERISTICS
PARAMETER
VALUE
UNIT
VZ range nom.
6.2 to 91
V
Test current IZT
2.8 to 41
mA
VZ specification
Pulse current
Int. construction
Single
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
MINIMUM ORDER QUANTITY
GLL4735 to GLL4763A
GLL4735 to GLL4763A-series-97
5000 (12 mm tape on 13" reel)
5000/box
GLL4735 to GLL4763A
GLL4735 to GLL4763A-series-96
1500 (12 mm tape on 7" reel)
1500/box
PACKAGE
PACKAGE NAME
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE SENSITIVITY
LEVEL
SOLDERING
CONDITIONS
MELF DO-213AB (plastic)
116 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Power dissipation
Maximum steady state power dissipation is 1 W
at TT = 75 °C
Ptot
1000
mW
Zener current
see table “Characteristics”
Junction to ambient air
RthJA
170
°C/W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 65 to + 150
°C


Similar Part No. - GLL4739

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GLL4739 GE-GLL4739 Datasheet
37Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
logo
Vishay Siliconix
GLL4739 VISHAY-GLL4739 Datasheet
148Kb / 6P
   Zener Diodes
Rev. 1.4, 06-Aug-04
GLL4739A VISHAY-GLL4739A Datasheet
148Kb / 6P
   Zener Diodes
Rev. 1.4, 06-Aug-04
logo
SUNMATE electronic Co.,...
GLL4739A SUNMATE-GLL4739A Datasheet
598Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - GLL4739

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com