Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX384C15-V Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BZX384C15-V
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX384C15-V Datasheet(HTML) 3 Page - Vishay Siliconix

  BZX384C15-V Datasheet HTML 1Page - Vishay Siliconix BZX384C15-V Datasheet HTML 2Page - Vishay Siliconix BZX384C15-V Datasheet HTML 3Page - Vishay Siliconix BZX384C15-V Datasheet HTML 4Page - Vishay Siliconix BZX384C15-V Datasheet HTML 5Page - Vishay Siliconix BZX384C15-V Datasheet HTML 6Page - Vishay Siliconix BZX384C15-V Datasheet HTML 7Page - Vishay Siliconix BZX384C15-V Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BZX384-V-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 22-Nov-11
3
Document Number: 85764
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE
TEST
CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
TEMPERATURE
COEFFICIENT
OF ZENER
VOLTAGE
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
αVZ at IZT1
V
mA
μA
V
Ω
10-4/°C
MIN.
NOM.
MAX.
MAX.
MAX.
MAX.
MIN.
MAX.
BZX384B2V4-V
W1
2.35
2.4
2.45
5
1
50
1
70 (
≤ 100)
275
- 9
- 4
BZX384B2V7-V
W2
2.65
2.7
2.75
5
1
20
1
75 (
≤ 100) 300 (≤ 600)
- 9
- 3
BZX384B3V0-V
W3
2.94
3.0
3.06
5
1
10
1
80 (
≤ 95)
325 (
≤ 600)
- 8
- 3
BZX384B3V3-V
W4
3.23
3.3
3.37
5
1
5
1
85 (
≤ 95)
350 (
≤ 600)
- 8
- 3
BZX384B3V6-V
W5
3.53
3.6
3.67
5
1
5
1
85 (
≤ 90)
375 (
≤ 600)
- 7
- 3
BZX384B3V9-V
W6
3.82
3.9
3.98
5
1
3
1
85 (
≤ 90)
400 (
≤ 600)
- 6
- 1
BZX384B4V3-V
W7
4.21
4.3
4.39
5
1
3
1
80 (
≤ 90)
410 (
≤ 600)
- 5
2
BZX384B4V7-V
W8
4.61
4.7
4.79
5
1
3
2
50 (
≤ 80)
425 (
≤ 500)
- 3
4
BZX384B5V1-V
W9
5
5.1
5.2
5
1
2
2
40 (
≤ 60)
400 (
≤ 480)
- 2
6
BZX384B5V6-V
WA
5.49
5.6
5.71
5
1
1
2
15 (
≤ 40)
80 (
≤ 400)
- 1
7
BZX384B6V2-V
WB
6.08
6.2
6.32
5
1
3
4
6 (
≤ 10)
40 (
≤ 150)
2
7
BZX384B6V8-V
WC
6.66
6.8
6.94
5
1
2
4
6 (
≤ 15)
30 (
≤ 80)
3
7
BZX384B7V5-V
WD
7.35
7.5
7.65
5
1
1
5
6 (
≤ 15)
30 (
≤ 80)
4
7
BZX384B8V2-V
WE
8.04
8.2
8.36
5
1
0.7
5
6 (
≤ 15)
40 (
≤ 80)
5
8
BZX384B9V1-V
WF
8.92
9.1
9.28
5
1
0.5
6
6 (
≤ 15)
40 (
≤ 100)
5
8
BZX384B10-V
WG
9.8
10
10.2
5
1
0.2
7
8 (
≤ 20)
50 (
≤ 150)
5
9
BZX384B11-V
WH
10.8
11
11.2
5
1
0.1
8
10 (
≤ 20)
50 (
≤ 150)
6
9
BZX384B12-V
WI
11.8
12
12.2
5
1
0.1
8
10 (
≤ 25)
50 (
≤ 150)
7
9
BZX384B13-V
WK
12.7
13
13.3
5
1
0.1
8
10 (
≤ 30)
50 (
≤ 170)
7
9
BZX384B15-V
WL
14.7
15
15.3
5
1
0.05
0.7 VZnom.
10 (
≤ 30)
50 (
≤ 200)
8
9.5
BZX384B16-V
WM
15.7
16
16.3
5
1
0.05
0.7 VZnom.
10 (
≤ 40)
50 (
≤ 200)
8
9.5
BZX384B18-V
WN
17.6
18
18.4
5
1
0.05
0.7 VZnom.
10 (
≤ 45)
50 (
≤ 225)
8
10
BZX384B20-V
WO
19.6
20
20.4
5
1
0.05
0.7 VZnom.
15 (
≤ 55)
60 (
≤ 225)
8
10
BZX384B22-V
WP
21.6
22
22.4
5
1
0.05
0.7 VZnom.
20 (
≤ 55)
60 (
≤ 250)
8
10
BZX384B24-V
WR
23.5
24
24.5
5
1
0.05
0.7 VZnom.
25 (
≤ 70)
60 (
≤ 250)
8
10
BZX384B27-V
WS
26.5
27
27.5
2
0.5
0.05
0.7 VZnom.
25 (
≤ 80)
65 (
≤ 300)
8
10
BZX384B30-V
WT
29.4
30
30.6
2
0.5
0.05
0.7 VZnom.
30 (
≤ 80)
70 (
≤ 300)
8
10
BZX384B33-V
WU
32.3
33
33.7
2
0.5
0.05
0.7 VZnom.
35 (
≤ 80)
75 (
≤ 325)
8
10
BZX384B36-V
WW
35.3
36
36.7
2
0.5
0.05
0.7 VZnom.
35 (
≤ 90)
80 (
≤ 350)
10
12
BZX384B39-V
WX
38.2
39
39.8
2
0.5
0.05
0.7 VZnom. 40 (
≤ 130)
80 (
≤ 350)
10
12
BZX384B43-V
WY
42.1
43
43.9
2
0.5
0.05
0.7 VZnom. 45 (
≤ 150)
85 (
≤ 375)
10
12
BZX384B47-V
WZ
46.1
47
47.9
2
0.5
0.05
0.7 VZnom. 50 (
≤ 170)
85 (
≤ 375)
10
12
BZX384B51-V
X1
50
51
52
2
0.5
0.05
0.7 VZnom. 60 (
≤ 180)
85 (
≤ 400)
10
12
BZX384B56-V
X2
54.9
56
57.1
2
0.5
0.05
0.7 VZnom. 70 (
≤ 200) 100 (≤ 425)
10
12
BZX384B62-V
X3
60.8
62
63.2
2
0.5
0.05
0.7 VZnom. 80 (
≤ 215) 100 (≤ 450)
10
12
BZX384B68-V
X4
66.6
68
69.4
2
0.5
0.05
0.7 VZnom. 90 (
≤ 240) 150 (≤ 475)
10
12
BZX384B75-V
X5
73.5
75
76.5
2
0.5
0.05
0.7 VZnom. 95 (
≤ 255) 170 (≤ 500)
10
12


Similar Part No. - BZX384C15-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX384C15-V VISHAY-BZX384C15-V Datasheet
111Kb / 9P
   Small Signal Zener Diodes
Rev. 1.6, 17-May-06
BZX384C15-V VISHAY-BZX384C15-V Datasheet
105Kb / 8P
   Small Signal Zener Diodes
Rev. 1.8, 22-Nov-11
More results

Similar Description - BZX384C15-V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com