Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX85B6V8 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BZX85B6V8
Description  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX85B6V8 Datasheet(HTML) 3 Page - Vishay Siliconix

  BZX85B6V8 Datasheet HTML 1Page - Vishay Siliconix BZX85B6V8 Datasheet HTML 2Page - Vishay Siliconix BZX85B6V8 Datasheet HTML 3Page - Vishay Siliconix BZX85B6V8 Datasheet HTML 4Page - Vishay Siliconix BZX85B6V8 Datasheet HTML 5Page - Vishay Siliconix BZX85B6V8 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BZX85-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 22-Nov-11
3
Document Number: 85607
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Measured with pulses tp = 5 ms
(2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case
(3) Measured with f = 1 kHz
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE
RANGE (1)
TEST
CURRENT
REVERSE
LAEKAGE
CURRENT
DYNAMIC
RESISTANCE (3)
TEMPERATURE
COEFFICIENT
OF ZENER
VOLTAGE
ADMISSIBLE
ZENER
CURRENT (2)
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
αVZ at IZT1
IZ
V
mA
μA
V
Ω
%/°C
mA
MIN. NOM. MAX.
MAX.
MAX.
MIN.
MAX.
BZX85B2V7
2.64
2.7
2.76
80
1
< 150
1
< 20
< 400
- 0.08
- 0.05
360
BZX85B3V0
2.94
3
3.06
80
1
< 100
1
< 20
< 400
- 0.08
- 0.05
330
BZX85B3V3
2.24
3.3
3.36
80
1
< 40
1
< 20
< 400
- 0.08
- 0.05
300
BZX85B3V6
3.53
3.6
3.67
60
1
< 20
1
< 20
< 500
- 0.08
- 0.05
290
BZX85B3V9
3.82
3.9
3.98
60
1
< 10
1
< 15
< 500
- 0.07
- 0.02
280
BZX85B4V3
4.21
4.3
4.39
50
1
< 3
1
< 13
< 500
- 0.05
0.01
250
BZX85B4V7
4.61
4.7
4.79
45
1
< 3
1
< 13
< 600
- 0.03
0.04
215
BZX85B5V1
5
5.1
5.2
45
1
< 1
1.5
< 10
< 500
- 0.01
0.04
200
BZX85B5V6
5.49
5.6
5.71
45
1
< 1
2
< 7
< 400
0
0.045
190
BZX85B6V2
6.08
6.2
6.32
35
1
< 1
3
< 4
< 300
0.01
0.055
170
BZX85B6V8
6.66
6.8
6.94
35
1
< 1
4
< 3.5
< 300
0.015
0.06
155
BZX85B7V5
7.35
7.5
7.65
35
0.5
< 1
4.5
< 3
< 200
0.02
0.065
140
BZX85B8V2
8.04
8.2
8.36
25
0.5
< 1
6.2
< 5
< 200
0.03
0.07
130
BZX85B9V1
8.92
9.1
9.28
25
0.5
< 1
6.8
< 5
< 200
0.035
0.075
120
BZX85B10
9.8
10
10.2
25
0.5
< 0.5
7.5
< 7
< 200
0.04
0.08
105
BZX85B11
10.8
11
11.2
20
0.5
< 0.5
8.2
< 8
< 300
0.045
0.08
97
BZX85B12
11.8
12
12.2
20
0.5
< 0.5
9.1
< 9
< 350
0.045
0.085
88
BZX85B13
12.7
13
13.3
20
0.5
< 0.5
10
< 10
< 400
0.05
0.085
79
BZX85B15
14.7
15
15.3
15
0.5
< 0.5
11
< 15
< 500
0.055
0.09
71
BZX85B16
15.7
16
16.3
15
0.5
< 0.5
12
< 15
< 500
0.055
0.09
66
BZX85B18
17.6
18
18.4
15
0.5
< 0.5
13
< 20
< 500
0.06
0.09
62
BZX85B20
19.6
20
20.4
10
0.5
< 0.5
15
< 24
< 600
0.06
0.09
56
BZX85B22
21.6
22
22.4
10
0.5
< 0.5
16
< 25
< 600
0.06
0.095
52
BZX85B24
23.5
24
24.5
10
0.5
< 0.5
18
< 25
< 600
0.06
0.095
47
BZX85B27
26.5
27
27.5
8
0.25
< 0.5
20
< 30
< 750
0.06
0.095
41
BZX85B30
29.4
30
30.6
8
0.25
< 0.5
22
< 30
< 1000
0.06
0.095
36
BZX85B33
32.3
33
33.7
8
0.25
< 0.5
24
< 35
< 1000
0.06
0.095
33
BZX85B36
35.3
36
36.7
8
0.25
< 0.5
27
< 40
< 1000
0.06
0.095
30
BZX85B39
38.2
39
39.8
6
0.25
< 0.5
30
< 50
< 1000
0.06
0.095
28
BZX85B43
42.1
43
43.9
6
0.25
< 0.5
33
< 50
< 1000
0.06
0.095
26
BZX85B47
46.1
47
47.9
4
0.25
< 0.5
36
< 90
< 1500
0.06
0.095
23
BZX85B51
50
51
52
4
0.25
< 0.5
39
< 115
< 1500
0.06
0.095
21
BZX85B56
54.9
56
57.1
4
0.25
< 0.5
43
< 120
< 2000
0.06
0.095
19
BZX85B62
60.8
62
63.2
4
0.25
< 0.5
47
< 125
< 2000
0.06
0.095
16
BZX85B68
66.6
68
69.4
4
0.25
< 0.5
51
< 130
< 2000
0.055
0.095
15
BZX85B75
73.5
75
76.5
4
0.25
< 0.5
56
< 135
< 2000
0.055
0.095
14
BZX85B82
80.4
82
83.6
2.7
0.25
< 0.5
62
< 200
< 3000
0.055
0.095
12
BZX85B91
89.2
91
92.8
2.7
0.25
< 0.5
68
< 250
< 3000
0.055
0.095
10
BZX85B100
98
100
102
2.7
0.25
< 0.5
75
< 350
< 3000
0.055
0.095
9.4


Similar Part No. - BZX85B6V8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85B6V8 VISHAY-BZX85B6V8 Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
EIC discrete Semiconduc...
BZX85B6V8 EIC-BZX85B6V8 Datasheet
33Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZX85B6V8 VISHAY-BZX85B6V8 Datasheet
158Kb / 7P
   Zener Diodes
Rev. 1.8, 31-May-07
logo
SEMTECH ELECTRONICS LTD...
BZX85B6V8 SEMTECH_ELEC-BZX85B6V8 Datasheet
160Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Vishay Siliconix
BZX85B6V8 VISHAY-BZX85B6V8 Datasheet
100Kb / 6P
   Zener Diodes
Rev. 2.1, 22-Nov-11
More results

Similar Description - BZX85B6V8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com