Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1020 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 2SA1020
Description  TO-92L Plastic-Encapsulate Transistors (PNP)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2SA1020 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  2SA1020 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 2SA1020 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 2SA1020 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO-92L Plastic-Encapsulate Transistors
2SA1020 TRANSISTOR (PNP)
FEATURES
Power amplifier applications
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC =-100µA,IE=0
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC =-10mA,IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100µA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-50V,IE=0
-1
µA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-1
µA
hFE(1)
VCE=-2V,IC=-0.5A
70
240
DC current gain
hFE(2)
VCE=-2V,IC=-1.5A
40
Collector-emitter saturation voltage
VCE(sat)
IC=-1A,IB=-50mA
-0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=-1A,IB=-50mA
-1.2
V
Transition frequency
fT
VCE=-2V,IC=-500mA
100
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
40
pF
Turn-on time
ton
0.1
μs
Storage time
ts
1
μs
Fall time
tf
VCC=-30V,IB1=-IB2=-0.05A, IC=-1A
0.1
μs
CLASSIFICATION OF
hFE(1)
Rank
O
Y
Range
70-140
120-240
TO-92L
1. EMITTER
2. COLLECTOR
3. BASE
1 2 3
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current –Continuous
-2
A
PC
Collector Power Dissipation
900
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 2SA1020

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1020 TOSHIBA-2SA1020 Datasheet
194Kb / 3P
   TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
2SA1020 TOSHIBA-2SA1020 Datasheet
193Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
logo
List of Unclassifed Man...
2SA1020 ETC-2SA1020 Datasheet
61Kb / 1P
   TO-92MOD Plastic-Encapsulated Transistors
logo
SHENZHEN YONGERJIA INDU...
2SA1020 WINNERJOIN-2SA1020 Datasheet
132Kb / 1P
   TRANSISTOR (PNP)
logo
Unisonic Technologies
2SA1020 UTC-2SA1020 Datasheet
170Kb / 4P
   PNP EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - 2SA1020

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KSA928A LUGUANG-KSA928A Datasheet
1Mb / 2P
   PNP TO-92L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB649 JIANGSU-2SB649 Datasheet
4Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
2SC2500 JIANGSU-2SC2500 Datasheet
2Mb / 4P
   TO-92L Plastic-Encapsulate Transistors
KTA1024 JIANGSU-KTA1024 Datasheet
5Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
3DG8051 JIANGSU-3DG8051 Datasheet
3Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
2SC2236 JIANGSU-2SC2236 Datasheet
2Mb / 4P
   TO-92L Plastic-Encapsulate Transistors
KTA1274 JIANGSU-KTA1274 Datasheet
8Mb / 5P
   TO-92L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2383L DGNJDZ-2SC2383L Datasheet
1Mb / 5P
   TO-92L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
KTC3207 JIANGSU-KTC3207 Datasheet
4Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
2SC1383 JIANGSU-2SC1383 Datasheet
4Mb / 4P
   TO-92L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com