Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54C Datasheet(PDF) 6 Page - Tiger Electronic Co.,Ltd

Part # BAT54C
Description  SCHOTTKY BARRIER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BAT54C Datasheet(HTML) 6 Page - Tiger Electronic Co.,Ltd

  BAT54C Datasheet HTML 1Page - Tiger Electronic Co.,Ltd BAT54C Datasheet HTML 2Page - Tiger Electronic Co.,Ltd BAT54C Datasheet HTML 3Page - Tiger Electronic Co.,Ltd BAT54C Datasheet HTML 4Page - Tiger Electronic Co.,Ltd BAT54C Datasheet HTML 5Page - Tiger Electronic Co.,Ltd BAT54C Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SOT-23 REEL DATA:
Dimensions in Millimeters
Dimensions in Inches
Symbol
Minimum
Nominal
Maximum
Minimum
Nominal
Maximum
B
-
-
12.500
-
-
0.4921
B1
8.900
9.000
9.100
0.3504
0.3543
0.3583
B2
1.700
1.750
1.800
0.0669
0.0689
0.0709
D
ф177.000
ф178.000
ф179.000
Ф6.9685
Ф7.0079
Ф7.0472
D1
Ф67.600TYP
Ф2.6614TYP
D2
Ф157.600TYP
Ф6.2047 TYP
d
Ф12.800
Ф13.000
Ф13.200
Ф0.5039
Ф0.5118
Ф0.5197
d1
Ф16.40 TYP
Ф0.6457 TYP
d2
Ф21.000 TYP
Ф0.8268 TYP
d3
Ф25.200 TYP
Ф0.99221TYP
d4
Ф50.600
Ф51.600
Ф52.600
Ф1.9921
Ф2.0315
Ф2.0709
d5
Ф53.800
Ф54.800
Ф55.800
Ф2.1181
Ф2.1575
Ф2.1969
E
2.800 TYP
0.1102TYP
L
1.750 TYP
0.0689 TYP
R
2.575 TYP
0.1014 TYP
W
15.000 TYP
0.5906 TYP
W1
1.300 TYP
0.0512 TYP


Similar Part No. - BAT54C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54C PANJIT-BAT54C Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
Chip Integration Techno...
BAT54C CITC-BAT54C Datasheet
158Kb / 3P
   200mA Surface Mount Small Signal Diodes
logo
EIC discrete Semiconduc...
BAT54C EIC-BAT54C Datasheet
111Kb / 2P
   SMALL SIGNAL SCHOTTKY DIODE, SINGLE & DUAL
logo
Formosa MS
BAT54C FORMOSA-BAT54C Datasheet
86Kb / 2P
   Surface Mount Schottky Diode - Silicon epitaxial planar type
logo
Dongguan Pingjingsemi T...
BAT54C PJSEMI-BAT54C Datasheet
1Mb / 3P
   Schottky Barrier Diodes
More results

Similar Description - BAT54C

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com