Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZMB43-M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TZMB43-M
Description  Small Signal Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TZMB43-M Datasheet(HTML) 2 Page - Vishay Siliconix

  TZMB43-M Datasheet HTML 1Page - Vishay Siliconix TZMB43-M Datasheet HTML 2Page - Vishay Siliconix TZMB43-M Datasheet HTML 3Page - Vishay Siliconix TZMB43-M Datasheet HTML 4Page - Vishay Siliconix TZMB43-M Datasheet HTML 5Page - Vishay Siliconix TZMB43-M Datasheet HTML 6Page - Vishay Siliconix TZMB43-M Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TZM-M-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 28-Sep-11
2
Document Number: 83393
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Additional measurement of voltage group TZMC9V1-M to TZMC75-M, IR at 95 % VZmin.  35 nA at Tj = 25 °C
(1) at Tj = 150 °C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE
RANGE
TEST CURRENT
REVERSE LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
TEMPERATURE
COEFFICIENT OF
ZENER VOLTAGE
VZ at IZT1
IZT1
IZT2
IR at VR
IR (1) at VR
ZZ at IZT1 ZZK at IZT2
TKVZ
V
mA
μA
V
μA
V
%/K
MIN.
NOM. MAX.
TYP.
TYP.
MIN.
MAX.
TZMC2V4-M
2.28
2.4
2.56
5
1
< 50
1
< 100
1
< 85
< 600
- 0.09
- 0.06
TZMC2V7-M
2.5
2.7
2.9
5
1
< 10
1
< 50
1
< 85
< 600
- 0.09
- 0.06
TZMC3V0-M
2.8
3.0
3.2
5
1
< 4
1
< 40
1
< 90
< 600
- 0.08
- 0.05
TZMC3V3-M
3.1
3.3
3.5
5
1
< 2
1
< 40
1
< 90
< 600
- 0.08
- 0.05
TZMC3V6-M
3.4
3.6
3.8
5
1
< 2
1
< 40
1
< 90
< 600
- 0.08
- 0.05
TZMC3V9-M
3.7
3.9
4.1
5
1
< 2
1
< 40
1
< 90
< 600
- 0.08
- 0.05
TZMC4V3-M
4
4.3
4.6
5
1
< 1
1
< 20
1
< 90
< 600
- 0.06
- 0.03
TZMC4V7-M
4.4
4.7
5
5
1
< 0.5
1
< 10
1
< 80
< 600
- 0.05
0.02
TZMC5V1-M
4.8
5.1
5.4
5
1
< 0.1
1
< 2
1
< 60
< 550
- 0.02
0.02
TZMC5V6-M
5.2
5.6
6
5
1
< 0.1
1
< 2
1
< 40
< 450
- 0.05
0.05
TZMC6V2-M
5.8
6.2
6.6
5
1
< 0.1
2
< 2
2
< 10
< 200
0.03
0.06
TZMC6V8-M
6.4
6.8
7.2
5
1
< 0.1
3
< 2
3
< 8
< 150
0.03
0.07
TZMC7V5-M
7
7.5
7.9
5
1
< 0.1
5
< 2
5
< 7
< 50
0.03
0.07
TZMC8V2-M
7.7
8.2
8.7
5
1
< 0.1
6.2
< 2
6.2
< 7
< 50
0.03
0.08
TZMC9V1-M
8.5
9.1
9.6
5
1
< 0.1
6.8
< 2
6.8
< 10
< 50
0.03
0.09
TZMC10-M
9.4
10
10.6
5
1
< 0.1
7.5
< 2
7.5
< 15
< 70
0.03
0.1
TZMC11-M
10.4
11
11.6
5
1
< 0.1
8.2
< 2
8.2
< 20
< 70
0.03
0.11
TZMC12-M
11.4
12
12.7
5
1
< 0.1
9.1
< 2
9.1
< 20
< 90
0.03
0.11
TZMC13-M
12.4
13
14.1
5
1
< 0.1
10
< 2
10
< 26
< 110
0.03
0.11
TZMC15-M
13.8
15
15.6
5
1
< 0.1
11
< 2
11
< 30
< 110
0.03
0.11
TZMC16-M
15.3
16
17.1
5
1
< 0.1
12
< 2
12
< 40
< 170
0.03
0.11
TZMC18-M
16.8
18
19.1
5
1
< 0.1
13
< 2
13
< 50
< 170
0.03
0.11
TZMC20-M
18.8
20
21.2
5
1
< 0.1
15
< 2
15
< 55
< 220
0.03
0.11
TZMC22-M
20.8
22
23.3
5
1
< 0.1
16
< 2
16
< 55
< 220
0.04
0.12
TZMC24-M
22.8
24
25.6
5
1
< 0.1
18
< 2
18
< 80
< 220
0.04
0,12
TZMC27-M
25.1
27
28.9
5
1
< 0.1
20
< 2
20
< 80
< 220
0.04
0.12
TZMC30-M
28
30
32
5
1
< 0.1
22
< 2
22
< 80
< 220
0.04
0.12
TZMC33-M
31
33
35
5
1
< 0.1
24
< 2
24
< 80
< 220
0.04
0.12
TZMC36-M
34
36
38
5
1
< 0.1
27
< 2
27
< 80
< 220
0.04
0.12
TZMC39-M
37
39
41
2.5
0.5
< 0.1
30
< 5
30
< 90
< 500
0.04
0.12
TZMC43-M
40
43
46
2.5
0.5
< 0.1
33
< 5
33
< 90
< 600
0.04
0.12
TZMC47-M
44
47
50
2.5
0.5
< 0.1
36
< 5
36
< 110
< 700
0.04
0.12
TZMC51-M
48
51
54
2.5
0.5
< 0.1
39
< 10
39
< 125
< 700
0.04
0.12
TZMC56-M
52
56
60
2.5
0.5
< 0.1
43
< 10
43
< 135
< 1000
0.04
0.12
TZMC62-M
58
62
66
2.5
0.5
< 0.1
47
< 10
47
< 150
< 1000
0.04
0.12
TZMC68-M
64
68
72
2.5
0.5
< 0.1
51
< 10
51
< 200
< 1000
0.04
0.12
TZMC75-M
70
75
79
2.5
0.5
< 0.1
56
< 10
56
< 250
< 1500
0.04
0.12


Similar Part No. - TZMB43-M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZMB43 VISHAY-TZMB43 Datasheet
76Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
TZMB43 VISHAY-TZMB43 Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZMB43 VISHAY-TZMB43 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
TZMB43 VISHAY-TZMB43 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
TZMB43 VISHAY-TZMB43 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
More results

Similar Description - TZMB43-M

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com