Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLZ16C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLZ16C
Description  Small Signal Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLZ16C Datasheet(HTML) 3 Page - Vishay Siliconix

  VLZ16C Datasheet HTML 1Page - Vishay Siliconix VLZ16C Datasheet HTML 2Page - Vishay Siliconix VLZ16C Datasheet HTML 3Page - Vishay Siliconix VLZ16C Datasheet HTML 4Page - Vishay Siliconix VLZ16C Datasheet HTML 5Page - Vishay Siliconix VLZ16C Datasheet HTML 6Page - Vishay Siliconix VLZ16C Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VLZ-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 30-Jan-12
3
Document Number: 81759
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VLZ11C
10.82
11
11.38
10
0.5
0.04
10.28
10
120
VLZ12A
11.13
12
11.71
10
0.5
0.04
10.6
12
110
VLZ12B
11.44
12
12.03
10
0.5
0.04
10.9
12
110
VLZ12C
11.74
12
12.35
10
0.5
0.04
11.2
12
110
VLZ13A
12.11
13
12.75
10
0.5
0.04
11.5
14
110
VLZ13B
12.55
13
13.21
10
0.5
0.04
11.9
14
110
VLZ13C
12.99
13
13.66
10
0.5
0.04
12.3
14
110
VLZ15A
13.44
15
14.13
10
0.5
0.04
12.8
16
110
VLZ15B
13.89
15
14.62
10
0.5
0.04
13.2
16
110
VLZ15C
14.35
15
15.09
10
0.5
0.04
13.6
16
110
VLZ16A
14.8
16
15.57
10
0.5
0.04
14.1
18
150
VLZ16B
15.25
16
16.04
10
0.5
0.04
14.5
18
150
VLZ16C
15.69
16
16.51
10
0.5
0.04
14.9
18
150
VLZ18A
16.22
18
17.06
10
0.5
0.04
15.4
23
150
VLZ18B
16.82
18
17.7
10
0.5
0.04
16
23
150
VLZ18C
17.42
18
18.33
10
0.5
0.04
16.5
23
150
VLZ20A
18.02
20
18.96
10
0.5
0.04
17.1
28
200
VLZ20B
18.63
20
19.59
10
0.5
0.04
17.7
28
200
VLZ20C
19.23
20
20.22
10
0.5
0.04
18.3
28
200
VLZ20D
19.72
20
20.72
10
0.5
0.04
18.7
28
200
VLZ22A
20.15
22
21.2
5
0.5
0.04
19.1
30
200
VLZ22B
20.64
22
21.71
5
0.5
0.04
19.6
30
200
VLZ22C
21.08
22
22.17
5
0.5
0.04
20
30
200
VLZ22D
21.52
22
22.63
5
0.5
0.04
20.4
30
200
VLZ24A
22.05
24
23.18
5
0.5
0.04
20.9
35
200
VLZ24B
22.61
24
23.77
5
0.5
0.04
21.5
35
200
VLZ24C
23.12
24
24.31
5
0.5
0.04
22
35
200
VLZ24D
23.63
24
24.85
5
0.5
0.04
22.4
35
200
VLZ27A
24.26
27
25.52
5
0.5
0.04
23
45
250
VLZ27B
24.97
27
26.26
5
0.5
0.04
23.7
45
250
VLZ27C
25.63
27
26.95
5
0.5
0.04
24.3
45
250
VLZ27D
26.29
27
27.64
5
0.5
0.04
25
45
250
VLZ30A
26.99
30
28.39
5
0.5
0.04
25.6
55
250
VLZ30B
27.7
30
29.13
5
0.5
0.04
26.3
55
250
VLZ30C
28.36
30
29.82
5
0.5
0.04
26.9
55
250
VLZ30D
29.02
30
30.51
5
0.5
0.04
27.6
55
250
VLZ33A
29.68
33
31.22
5
0.5
0.04
28.2
65
250
VLZ33B
30.32
33
31.88
5
0.5
0.04
28.8
65
250
VLZ33C
30.9
33
32.5
5
0.5
0.04
29.4
65
250
VLZ33D
31.49
33
33.11
5
0.5
0.04
29.9
65
250
VLZ36A
32.14
36
33.79
5
0.5
0.04
30.5
75
250
VLZ36B
32.79
36
34.49
5
0.5
0.04
31.2
75
250
VLZ36C
33.4
36
35.13
5
0.5
0.04
31.7
75
250
VLZ36D
34.01
36
35.77
5
0.5
0.04
32.3
75
250
VLZ39A
34.68
39
36.47
5
0.5
0.04
32.9
85
250
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE RANGE
TEST CURRENT
REVERSE LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
f = 1 kHz
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
V
mA
μA
V
MIN.
NOM.
MAX.
MAX.
MAX.
MAX.


Similar Part No. - VLZ16C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLZ16C VISHAY-VLZ16C Datasheet
215Kb / 8P
   Small Signal Zener Diodes
Rev. 1.0, 15-Aug-07
More results

Similar Description - VLZ16C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com