Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C67076-A2504-A17 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # C67076-A2504-A17
Description  IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67076-A2504-A17 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  C67076-A2504-A17 Datasheet HTML 1Page - Siemens Semiconductor Group C67076-A2504-A17 Datasheet HTML 2Page - Siemens Semiconductor Group C67076-A2504-A17 Datasheet HTML 3Page - Siemens Semiconductor Group C67076-A2504-A17 Datasheet HTML 4Page - Siemens Semiconductor Group C67076-A2504-A17 Datasheet HTML 5Page - Siemens Semiconductor Group C67076-A2504-A17 Datasheet HTML 6Page - Siemens Semiconductor Group C67076-A2504-A17 Datasheet HTML 7Page - Siemens Semiconductor Group C67076-A2504-A17 Datasheet HTML 8Page - Siemens Semiconductor Group C67076-A2504-A17 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Semiconductor Group
8
Feb-10-1997
BSM 15 GD 120 D2
Forward characteristics of fast recovery
reverse diode
IF = f(VF)
parameter:
Tj
0.0
0.5
1.0
1.5
2.0
V
3.0
V
F
0
2
4
6
8
10
12
14
16
18
20
22
24
26
A
30
I
F
T
j=25°C
=125°C
j
T
Transient thermal impedance
Diode
Zth JC = ƒ(tp)
parameter:
D = tp / T
-4
10
-3
10
-2
10
-1
10
0
10
1
10
K/W
Z
thJC
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


Similar Part No. - C67076-A2504-A17

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67076-A2501-A2 SIEMENS-C67076-A2501-A2 Datasheet
326Kb / 8P
   IGBT MODULE
C67076-A2505-A17 SIEMENS-C67076-A2505-A17 Datasheet
137Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
logo
eupec GmbH
C67076-A2505-A67 EUPEC-C67076-A2505-A67 Datasheet
270Kb / 9P
   IGBT Power Module
logo
Siemens Semiconductor G...
C67076-A2506-A17 SIEMENS-C67076-A2506-A17 Datasheet
137Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
logo
eupec GmbH
C67076-A2506-A67 EUPEC-C67076-A2506-A67 Datasheet
272Kb / 10P
   IGBT Power Module
More results

Similar Description - C67076-A2504-A17

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM15GD60DN2 SIEMENS-BSM15GD60DN2 Datasheet
123Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD120DN2 SIEMENS-BSM50GD120DN2 Datasheet
126Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM35GD120D2 SIEMENS-BSM35GD120D2 Datasheet
137Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD60DN2E3226 SIEMENS-BSM50GD60DN2E3226 Datasheet
121Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD60DN2 SIEMENS-BSM50GD60DN2 Datasheet
123Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM25GD120D2 SIEMENS-BSM25GD120D2 Datasheet
137Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD120DN2G SIEMENS-BSM50GD120DN2G Datasheet
182Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM10GD60DN2 SIEMENS-BSM10GD60DN2 Datasheet
122Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes
BSM75GD120DN2 SIEMENS-BSM75GD120DN2 Datasheet
185Kb / 9P
   IGBT Power Module (Solderable Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM150GT120DN2 SIEMENS-BSM150GT120DN2 Datasheet
182Kb / 9P
   IGBT Power Module (Solderable Power module 3-phase full-bridge Including fast free-wheel diodes)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com