Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-1N5818TR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-1N5818TR
Description  Schottky Rectifier, 1.0 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-1N5818TR Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-1N5818TR Datasheet HTML 1Page - Vishay Siliconix VS-1N5818TR Datasheet HTML 2Page - Vishay Siliconix VS-1N5818TR Datasheet HTML 3Page - Vishay Siliconix VS-1N5818TR Datasheet HTML 4Page - Vishay Siliconix VS-1N5818TR Datasheet HTML 5Page - Vishay Siliconix VS-1N5818TR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VS-1N5818, VS-1N5818-M3
www.vishay.com
Vishay Semiconductors
Revision: 21-Sep-11
3
Document Number: 93256
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs.
Reverse Voltage
Fig. 4 - Typical Allowable Lead Temperature vs.
Average Forward Current
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Typical Non-Repetitive Surge Current
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6); PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
93256_01
VFM - Forward Voltage Drop (V)
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
T = 150 °C
T = 125 °C
T = 25 °C
VR - Reverse Voltage (V)
93256_02
0.0001
0.001
0.01
0.1
1
10
100
0
10
20
30
40
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
VR - Reverse Voltage (V)
93256_03
10
100
0
10
20
30
40
50
T
J = 25°C
IF(AV) - Average Forward Current (A)
93256_04
40
60
80
100
120
140
160
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
DC
Square wave (D = 0.50)
Rated V
R applied
see note (1)
Average Forward Current - IF(AV) (A)
93256_05
0
0.2
0.4
0.6
0.8
0
0.5
1
1.5
DC
RMS Limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
DC
tp - Square Wave Pulse Duration (µs)
93256_06
10
100
1000
10
100
1000
10 000
At Any Rated Load Condition
And With rated V
RRM Applied
Following Surge


Similar Part No. - VS-1N5818TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-1N5818 VISHAY-VS-1N5818 Datasheet
95Kb / 5P
   Schottky Rectifier, 1.0 A
02-Oct-12
VS-1N5818-M3 VISHAY-VS-1N5818-M3 Datasheet
95Kb / 5P
   Schottky Rectifier, 1.0 A
02-Oct-12
VS-1N5818 VISHAY-VS-1N5818_V01 Datasheet
95Kb / 5P
   Schottky Rectifier, 1.0 A
02-Oct-12
More results

Similar Description - VS-1N5818TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10BQ015PBF VISHAY-VS-10BQ015PBF Datasheet
116Kb / 7P
   Schottky Rectifier, 1.0 A
Revision: 15-Nov-10
MBRS190TRPBF VISHAY-MBRS190TRPBF Datasheet
97Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 15-Aug-08
10BQ015PBF VISHAY-10BQ015PBF Datasheet
99Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 04-Nov-08
10BQ040PBF VISHAY-10BQ040PBF Datasheet
95Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 16-Apr-08
MBRS140TRPBF VISHAY-MBRS140TRPBF Datasheet
92Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 21-Apr-08
VS-MBRA120TRPBF VISHAY-VS-MBRA120TRPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 04-Mar-10
VS-10BQ040-M3 VISHAY-VS-10BQ040-M3_15 Datasheet
103Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 29-May-12
10BQ015M VISHAY-10BQ015M Datasheet
114Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 29-May-12
VS-1N5819 VISHAY-VS-1N5819 Datasheet
116Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 21-Sep-11
10BQ015PBF VISHAY-10BQ015PBF_10 Datasheet
117Kb / 7P
   Schottky Rectifier, 1.0 A
Revision: 15-Nov-10
MBRA120TRPBF VISHAY-MBRA120TRPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 04-Mar-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com