Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5820TR-M3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 1N5820TR-M3
Description  Schottky Rectifier, 3.0 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N5820TR-M3 Datasheet(HTML) 1 Page - Vishay Siliconix

  1N5820TR-M3 Datasheet HTML 1Page - Vishay Siliconix 1N5820TR-M3 Datasheet HTML 2Page - Vishay Siliconix 1N5820TR-M3 Datasheet HTML 3Page - Vishay Siliconix 1N5820TR-M3 Datasheet HTML 4Page - Vishay Siliconix 1N5820TR-M3 Datasheet HTML 5Page - Vishay Siliconix 1N5820TR-M3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VS-1N5820, VS-1N5820-M3
www.vishay.com
Vishay Semiconductors
Revision: 11-Oct-11
1
Document Number: 93257
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Schottky Rectifier, 3.0 A
FEATURES
• Low profile, axial leaded outline
• High frequency operation
• Very low forward voltage drop
• High
purity,
high
temperature
epoxy
encapsulation
for
enhanced
mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long
term reliability
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified for commercial level
• Halogen-free according to IEC 61249-2-21 definition
(-M3 only)
DESCRIPTION
The VS-1N5820... axial leaded Schottky rectifier has been
optimized for very low forward voltage drop, with moderate
leakage. Typical applications are in switching power
supplies, converters, freewheeling diodes, and reverse
battery protection.
PRODUCT SUMMARY
Package
DO-201AD (C-16)
IF(AV)
3 A
VR
20 V
VF at IF
See Electrical table
IRM max.
20 mA at 100 °C
TJ max.
150 °C
Diode variation
Single die
EAS
See Electrical table
Cathode
Anode
C-16
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
3.0
A
VRRM
20
V
IFSM
tp = 5 μs sine
450
A
VF
3 Apk, TJ = 25 °C
0.475
V
TJ
Range
- 65 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-1N5820
VS-1N5820-M3
UNITS
Maximum DC reverse voltage
VR
20
20
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
50 % duty cycle at TL = 114 °C, rectangular waveform
With cooling fins
3.0
A
Maximum peak one cycle
non-repetitive surge current at TJ = 25 °C
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
450
10 ms sine or 6 ms rect. pulse
90


Similar Part No. - 1N5820TR-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5820TR VISHAY-1N5820TR Datasheet
80Kb / 5P
   Schottky Rectifier, 3.0 A
Revision: 06-Nov-08
More results

Similar Description - 1N5820TR-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30BQ015PBF VISHAY-30BQ015PBF_11 Datasheet
118Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 23-Feb-11
MBRD320PBF VISHAY-MBRD320PBF_11 Datasheet
122Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 14-Jan-11
VS-30BQ060TRPBF VISHAY-VS-30BQ060TRPBF Datasheet
120Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
30BQ060PBF VISHAY-30BQ060PBF_10 Datasheet
121Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
30BQ015PBF VISHAY-30BQ015PBF Datasheet
102Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 14-Aug-08
MBRD320 VISHAY-MBRD320 Datasheet
104Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 06-Jun-08
MBRS340TRPBF VISHAY-MBRS340TRPBF Datasheet
92Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 09-Oct-08
VS-1N5820 VISHAY-VS-1N5820 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 11-Oct-11
VS-30BQ015PBF VISHAY-VS-30BQ015PBF Datasheet
117Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 23-Feb-11
VS-30BQ040TRPBF VISHAY-VS-30BQ040TRPBF Datasheet
113Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com