Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSM200GB120DN2 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BSM200GB120DN2
Description  IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM200GB120DN2 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BSM200GB120DN2 Datasheet HTML 1Page - Siemens Semiconductor Group BSM200GB120DN2 Datasheet HTML 2Page - Siemens Semiconductor Group BSM200GB120DN2 Datasheet HTML 3Page - Siemens Semiconductor Group BSM200GB120DN2 Datasheet HTML 4Page - Siemens Semiconductor Group BSM200GB120DN2 Datasheet HTML 5Page - Siemens Semiconductor Group BSM200GB120DN2 Datasheet HTML 6Page - Siemens Semiconductor Group BSM200GB120DN2 Datasheet HTML 7Page - Siemens Semiconductor Group BSM200GB120DN2 Datasheet HTML 8Page - Siemens Semiconductor Group BSM200GB120DN2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Semiconductor Group
3
Mar-29-1996
BSM 200 GB 120 DN2
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Switching Characteristics, Inductive Load at Tj = 125 °C
Turn-on delay time
VCC = 600 V, VGE = 15 V, IC = 200 A
RGon = 4.7 Ω
td(on)
-
110
220
ns
Rise time
VCC = 600 V, VGE = 15 V, IC = 200 A
RGon = 4.7 Ω
tr
-
80
160
Turn-off delay time
VCC = 600 V, VGE = -15 V, IC = 200 A
RGoff = 4.7 Ω
td(off)
-
550
800
Fall time
VCC = 600 V, VGE = -15 V, IC = 200 A
RGoff = 4.7 Ω
tf
-
80
120
Free-Wheel Diode
Diode forward voltage
IF = 200 A, VGE = 0 V, Tj = 25 °C
IF = 200 A, VGE = 0 V, Tj = 125 °C
VF
-
-
1.8
2.3
-
2.8
V
Reverse recovery time
IF = 200 A, VR = -600 V, VGE = 0 V
diF/dt = -2000 A/µs, Tj = 125 °C
trr
-
0.5
-
µs
Reverse recovery charge
IF = 200 A, VR = -600 V, VGE = 0 V
diF/dt = -2000 A/µs
Tj = 25 °C
Tj = 125 °C
Qrr
-
-
36
12
-
-
µC


Similar Part No. - BSM200GB120DN2

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM200GB120DN2 EUPEC-BSM200GB120DN2 Datasheet
180Kb / 11P
   IGBT Power Module
More results

Similar Description - BSM200GB120DN2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM150GB120DN2 SIEMENS-BSM150GB120DN2 Datasheet
131Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM150GB170DN2 SIEMENS-BSM150GB170DN2 Datasheet
131Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM25GB120DN2 SIEMENS-BSM25GB120DN2 Datasheet
111Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM100GB120DN2 SIEMENS-BSM100GB120DN2 Datasheet
132Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM400GB60DN2 SIEMENS-BSM400GB60DN2 Datasheet
127Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM100GB120DN2K SIEMENS-BSM100GB120DN2K Datasheet
114Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM50GB120DN2 SIEMENS-BSM50GB120DN2 Datasheet
112Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM75GB120DN2 SIEMENS-BSM75GB120DN2 Datasheet
112Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM50GB170DN2 SIEMENS-BSM50GB170DN2 Datasheet
112Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM100GB170DN2 SIEMENS-BSM100GB170DN2 Datasheet
130Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com